Electronic Components Datasheet Search
  English  ▼

X  

LMX2485E Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2485E
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485E Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2485E Datasheet HTML 9Page - National Semiconductor (TI) LMX2485E Datasheet HTML 10Page - National Semiconductor (TI) LMX2485E Datasheet HTML 11Page - National Semiconductor (TI) LMX2485E Datasheet HTML 12Page - National Semiconductor (TI) LMX2485E Datasheet HTML 13Page - National Semiconductor (TI) LMX2485E Datasheet HTML 14Page - National Semiconductor (TI) LMX2485E Datasheet HTML 15Page - National Semiconductor (TI) LMX2485E Datasheet HTML 16Page - National Semiconductor (TI) LMX2485E Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Typical Performance Characteristics : Currents (Note 8)
Power Supply Current
CE = High
20087759
Power Supply Current
CE = LOW
20087761
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com