| Electronic Components Datasheet Search |
|
PCF8523 Datasheet(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523 Datasheet(HTML) 48 Page - NXP Semiconductors |
|
48 / 86 page ![]() NXP Semiconductors PCA2131 Nano-power highly accurate RTC with integrated quartz crystal for automotive applications The interrupt is cleared when the flag WDTF is reset. Instructions for clearing it can be found in Section 7.11.5. 7.13.4 Alarm interrupts Generation of interrupts from the alarm function is controlled by the bit AIE (register Control_2). If AIE is enabled, the INTA/B pin follows the status of bit AF (register Control_2) if not masked. Clearing AF immediately clears INTA/B. No pulse generation is possible for alarm interrupts. aaa-041574 44 45 minute counter minute alarm AF INTA/B SCL instruction 45 CLEAR INSTRUCTION 8th clock Example where only the minute alarm is used and no other interrupts are enabled. Figure 21. AF timing diagram 7.13.5 Timestamp interrupts Interrupt generation from the timestamp function is controlled using the TSIE1-4 bit (register Control_5). If TSIE1-4 is enabled, the INTA/B pin follows the status of the flags TSF1/2/3/4, if not masked. Clearing the flags TSFx immediately clears INTA/B. No pulse generation is possible for timestamp interrupts. 7.13.6 Battery switch-over interrupts Generation of interrupts from the battery switch-over is controlled by the BIE bit (register Control_3). If BIE is enabled, the INTA/B pin follows the status of bit BF in register Control_3 if not masked(see Table 78). Clearing BF immediately clears INTA/B. No pulse generation is possible for battery switch-over interrupts. 7.13.7 Battery low detection interrupts Generation of interrupts from the battery low detection is controlled by the BLIE bit (register Control_3). If BLIE is enabled, the INTA/B pin follows the status of bit BLF (register Control_3) if not masked. The interrupt is cleared when the battery is replaced (BLF is logic 0) or when bit BLIE is disabled (BLIE is logic 0). BLF is read only and therefore cannot be cleared by command. PCA2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.0 — 26 July 2021 48 / 86 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |