Electronic Components Datasheet Search
  English  ▼

X  

PCF8523 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF8523
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF8523 Datasheet HTML 55Page - NXP Semiconductors PCF8523 Datasheet HTML 56Page - NXP Semiconductors PCF8523 Datasheet HTML 57Page - NXP Semiconductors PCF8523 Datasheet HTML 58Page - NXP Semiconductors PCF8523 Datasheet HTML 59Page - NXP Semiconductors PCF8523 Datasheet HTML 60Page - NXP Semiconductors PCF8523 Datasheet HTML 61Page - NXP Semiconductors PCF8523 Datasheet HTML 62Page - NXP Semiconductors PCF8523 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
9 Static characteristics
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
85 °C
Max
105 °C
Unit
Supplies
VDD
supply voltage
[1] 1.2
-
5.5
V
VBAT
battery supply
voltage
1.2
-
5.5
V
Vlow
low voltage
-
1.15
-
-
V
interface active; supplied by VDD
SPI-bus (fSCL = 6.5
MHz)
-
-
800
800
µA
I2C-bus (fSCL = 400
kHz)
-
-
200
200
µA
interface inactive (fSCL = 0 Hz) [3] ; TCR[1:0] = 00 (see Table 16)
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 1 (see Table 5); 100TH_S_DIS = 1 (see Table 5)
VDD = 1.2 V
-
93
420
735
nA
VDD = 3.3 V
-
106
365 [4] 655
nA
VDD = 5.5 V
-
137
465
850
nA
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 1 (see Table 5)
VDD = 1.2 V
-
98
520
925
nA
VDD = 3.3 V
-
112
500
855
nA
VDD = 5.5 V
-
141
600
1080
nA
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 000 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 0 (see Table 5);
VDD = 1.2 V
[5] -
460
770
1325
nA
VDD = 3.3 V
[6] -
1075
1435
1925
nA
VDD = 5.5 V
[6] -
1735
2210
2835
nA
IDD
supply current [2]
PWRMNG[2:0] = 000 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 0 (see Table 5)
Table 89. Static characteristics
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
59 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com