Electronic Components Datasheet Search
  English  ▼

X  

ICS843034 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS843034
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS843034 Datasheet HTML 7Page - Integrated Circuit Systems ICS843034 Datasheet HTML 8Page - Integrated Circuit Systems ICS843034 Datasheet HTML 9Page - Integrated Circuit Systems ICS843034 Datasheet HTML 10Page - Integrated Circuit Systems ICS843034 Datasheet HTML 11Page - Integrated Circuit Systems ICS843034 Datasheet HTML 12Page - Integrated Circuit Systems ICS843034 Datasheet HTML 13Page - Integrated Circuit Systems ICS843034 Datasheet HTML 14Page - Integrated Circuit Systems ICS843034 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
11
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 7C. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, VCCO_A = 3.3V±5%, VCCO_B = 2.5V±5%,T
A
= 0°C TO 70°C OR
V
CC = VCCA = 3.3V±5%, VCCO_A = 2.5V±5%, VCCO_B = 3.3V±5%,T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
30
5
7z
H
M
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
2
,
1
E
T
O
N
,
z
H
M
3
3
.
3
3
3
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
k
2
1
D
B
Ts
p
t
)
c
c
(
t
ij4
,
3
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
D
B
Ts
p
t
)
o
(
k
s5
,
4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
e
m
a
s
e
h
t
@
d
e
r
u
s
a
e
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5s
p
t
R
t
/
F
t
u
p
t
u
O
e
m
i
T
ll
a
F
/
e
s
i
R
s
t
u
p
t
u
O
L
C
E
P
V
L
%
0
8
o
t
%
0
20
0
20
0
7s
p
K
L
C
_
F
E
R
t
S
e
m
i
T
p
u
t
e
S
D
A
O
L
_
P
n
o
t
N
,
M5
s
n
K
C
O
L
C
_
S
o
t
A
T
A
D
_
S5
s
n
D
A
O
L
_
S
o
t
K
C
O
L
C
_
S5
s
n
t
H
e
m
i
T
d
l
o
H
D
A
O
L
_
P
n
o
t
N
,
M5
s
n
K
C
O
L
C
_
S
o
t
A
T
A
D
_
S5
s
n
D
A
O
L
_
S
o
t
K
C
O
L
C
_
S5
s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
.
d
e
l
b
a
s
i
d
t
u
p
t
u
o
K
L
C
_
F
E
R
h
t
i
w
d
e
z
i
r
e
t
c
a
r
a
h
C
:
2
E
T
O
N
.
s
t
u
p
n
i
L
A
T
X
g
n
i
s
u
e
c
n
a
r
o
f
r
e
p
r
e
t
t
i
J
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
5
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com