Electronic Components Datasheet Search
  English  ▼

X  

ICS843034 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS843034
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS843034 Datasheet HTML 14Page - Integrated Circuit Systems ICS843034 Datasheet HTML 15Page - Integrated Circuit Systems ICS843034 Datasheet HTML 16Page - Integrated Circuit Systems ICS843034 Datasheet HTML 17Page - Integrated Circuit Systems ICS843034 Datasheet HTML 18Page - Integrated Circuit Systems ICS843034 Datasheet HTML 19Page - Integrated Circuit Systems ICS843034 Datasheet HTML 20Page - Integrated Circuit Systems ICS843034 Datasheet HTML 21Page - Integrated Circuit Systems ICS843034 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
18
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
APPLICATION SCHEMATIC EXAMPLE
Figure 8 shows a schematic example of using an ICS843034.
In this example, the CLK/nCLK input is driven by a 3.3V
LVPECL driver. The data sheet also shows the CLK/nCLK
input driven by various types of drivers. The crystal inputs are
parallel resonant crystal with load capacitor CL=18pF. The
frequency fine tuning capacitors C1 and C2 are 22pF. This
schematic example shows hardwired logic control input
handling. The logic inputs can also be driven by 3.3V LVCMOS
drivers. It is recommended to have one decouple capacitor
per power pin. In general, the decoupling capacitor values
are ranged from 0.01uF to 0.1uF. Each decoupling capacitor
should be located as close as possible to the power pin. The
low pass filter R9, C11 and C16 for clean analog supply
3. 3V
Zo = 50 Ohm
Zo = 50
Set Logic
Input to
'0'
C2
22p
To Logic
Input
pins
VCCO_REF
Alternative
Termination
Exmaple
VCCO_REF=3.3V
VCC
LVCMOS
VCCA
C8
0.1u
C9
0. 1u
R8
43
R11
50
R12
50
C11
0.01u
R3
50
VCC
X1
CL=18pF
R1
50
C3
22p
Set Logic
Input to
'1'
R7
82.5
RD2
1K
R4
133
RU2
SPARE
C4
22p
VCC
R9
10
C6
0.1u
R2
50
R10
50
C1
22p
C7
0.1u
+
-
Zo = 50 Ohm
Zo = 50 Ohm
VCCO=3.3V
Zo = 50 Ohm
Logic Input Pin Examples
Zo = 50 Ohm
+
-
VCC
VCCO
VCC
RD1
SPARE
RU1
1K
LVPECL
VCC=3.3V
C5
0.1u
R5
82.5
U1
I CS843034
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
M8
NB0
NB1
NB2
OE_REF
OE_A
OE_B
VCC
NA0
NA1
NA2
VEE
X_OUT1
X_IN1
X_OUT0
X_IN0
TEST_CLK
SEL1
SEL0
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
Zo = 50
C16
10u
R6
133
To Logic
Input
pins
VCCO
X1
CL=18pF
FIGURE 8. ICS843034 APPLICATION SCHEMATIC EXAMPLE
should also be located as close to the VCCA pin as possible.
Only two examples of 3.3V LVPECL termination are shown in
this schematic example. Additional LVPECL terminations can
be found in the LVPECL Termination Application Note. The
data sheet also shows 2.5V LVPECL terminations. The
REF_CLK is LVCMOS driver with 7
Ω output impedance. Series
termination for REF_CLK is shown in the example. Additional
LVCMOS termination can be found in the LVCMOS Application
Note. If the REF_CLK is not used, it is recommended to disable
this output by setting REF_OE to logic low. To disable
REF_CLK, REF_OE pin can be left floating (default logic low
by internal 51K pull down) or pull down using an external
1K
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com