Electronic Components Datasheet Search
  English  ▼

X  

P1306ED Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P1306ED
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P1306ED Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  P1306ED Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV1.0
1
K-28-4
P-Channel Enhancement Mode
Field Effect Transistor
P1306ED
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
G
S
D
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
TC = 25 °C
ID
-48
A
TC = 100 °C
-30
Pulsed Drain Current
1
IDM
-160
Avalanche Current
IAS
-52
Avalanche Energy
L = 0.1mH
EAS
135
mJ
Power Dissipation
TC = 25 °C
PD
59
W
TC = 100 °C
23
Junction & Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RJC
2.1
°C / W
Junction-to-Ambient
RJA
62.5
1Pulse width limited by maximum junction temperature.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-1.3
-1.8
-2.3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±25V
±100
nA
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
-60V
13.5mΩ
-48A
1. GATE
2. DRAIN
3. SOURCE


Similar Part No. - P1306ED

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
More results

Similar Description - P1306ED

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com