Electronic Components Datasheet Search
  English  ▼

X  

P1306ED Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P1306ED
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P1306ED Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P1306ED Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P1306ED Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
K-28-4
P-Channel Enhancement Mode
Field Effect Transistor
P1306ED
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
Zero Gate Voltage Drain Current
IDSS
VDS = -60V, VGS = 0V
-1
A
VDS = -60V, VGS = 0V, TJ = 55 °C
-10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -15A
14.3
17.5
mΩ
VGS = -10V, ID = -20A
10.8
13.5
Forward Transconductance
1
gfs
VDS = -5V, ID = -20A
59
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -25V, f = 1MHz
4037
pF
Output Capacitance
Coss
396
Reverse Transfer Capacitance
Crss
284
Gate Resistance
Rg
VGS =0V, VDS = 0V, f = 1MHz
2.8
Ω
Total Gate Charge
2
Qg (VGS=-10V)
VDS = -30V , VGS = -10V,
ID = -20A
85
nC
Qg(VGS=-4.5V)
44
Gate-Source Charge
2
Qgs
11.5
Gate-Drain Charge
2
Qgd
20.5
Turn-On Delay Time
2
td(on)
VDS = -30V ,
ID  -20A, VGS = -10V, RGEN =6Ω
18
nS
Rise Time
2
tr
60
Turn-Off Delay Time
2
td(off)
123
Fall Time
2
tf
112
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
-48
A
Forward Voltage
1
VSD
IF = -20A, VGS = 0V
-1.2
V
Reverse Recovery Time
trr
IF = -20A, dlF/dt = 100A / S
22
nS
Reverse Recovery Charge
Qrr
12
nC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com