Electronic Components Datasheet Search
  English  ▼

X  

ICS843004I Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS843004I
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004I Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS843004I Datasheet HTML 7Page - Integrated Circuit Systems ICS843004I Datasheet HTML 8Page - Integrated Circuit Systems ICS843004I Datasheet HTML 9Page - Integrated Circuit Systems ICS843004I Datasheet HTML 10Page - Integrated Circuit Systems ICS843004I Datasheet HTML 11Page - Integrated Circuit Systems ICS843004I Datasheet HTML 12Page - Integrated Circuit Systems ICS843004I Datasheet HTML 13Page - Integrated Circuit Systems ICS843004I Datasheet HTML 14Page - Integrated Circuit Systems ICS843004I Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
843004AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843004I
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS843004I is: 2578
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com