Electronic Components Datasheet Search
  English  ▼

X  

ICS843004I Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS843004I
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004I Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS843004I Datasheet HTML 5Page - Integrated Circuit Systems ICS843004I Datasheet HTML 6Page - Integrated Circuit Systems ICS843004I Datasheet HTML 7Page - Integrated Circuit Systems ICS843004I Datasheet HTML 8Page - Integrated Circuit Systems ICS843004I Datasheet HTML 9Page - Integrated Circuit Systems ICS843004I Datasheet HTML 10Page - Integrated Circuit Systems ICS843004I Datasheet HTML 11Page - Integrated Circuit Systems ICS843004I Datasheet HTML 12Page - Integrated Circuit Systems ICS843004I Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
843004AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
9
Integrated
Circuit
Systems, Inc.
ICS843004I
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
CRYSTAL INPUT INTERFACE
The ICS843004I has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 4
Figure 4. CRYSTAL INPUt INTERFACE
below were determined using a 26.5625MHz 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
ICS843004I
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 3A and Figure 3B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
CC - 2V. For VCCO = 2.5V, the VCCO - 2V is very close to
ground level. The R3 in Figure 3B can be eliminated and the
termination is shown in
Figure 3C.
FIGURE 3C. 2.5V LVPECL TERMINATION EXAMPLE
R2
50
Zo = 50 Ohm
VCCO=2.5V
R1
50
Zo = 50 Ohm
+
-
2.5V
2,5V LVPECL
Driv er
FIGURE 3B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
VCCO=2.5V
R1
50
R2
50
Zo = 50 Ohm
R3
18
2,5V LVPECL
Driv er
Zo = 50 Ohm
+
-
2.5V
FIGURE 3A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
2.5V
2,5V LVPECL
Driv er
R3
250
Zo = 50 Ohm
Zo = 50 Ohm
R4
62.5
2.5V
+
-
R1
250
VCCO=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com