Electronic Components Datasheet Search
  English  ▼

X  

ICS843004AI01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS843004AI01
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004AI01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS843004AI01 Datasheet HTML 1Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 2Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 3Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 4Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 5Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 6Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 7Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 8Page - Integrated Circuit Systems ICS843004AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
843004AGI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
5
Integrated
Circuit
Systems, Inc.
ICS843004I-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
100
1k
10k
100k
1M
10M
100M
TYPICAL PHASE NOISE AT 156.25MHZ (3.3V)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
156.25MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.54ps
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
10Gb Ethernet Filter to raw data
Raw Phase Noise Data
10Gb Ethernet Filter
100
1k
10k
100k
1M
10M
100M
TYPICAL PHASE NOISE AT 62.5MHZ (3.3V)
62.5MHz
RMS Phase Jitter (Random)
637KHz to 10MHz = 0.70ps
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
10Gb Ethernet Filter to raw data
Raw Phase Noise Data
10Gb Ethernet Filter
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com