Electronic Components Datasheet Search
  English  ▼

X  

GSV60 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GSV60
Description  60W With PFC LED Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSV60 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GSV60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
50%
60%
70%
80%
90%
100%
230V
fosc : 100KHz
Block Diagram
Derating Curve
OUTPUT LOAD vs TEMPERATURE
Static Characteristics
INPUT VOLTAGE (V) 50 / 60Hz
100
90
80
70
60
50
40
180
185
190
195
200
205
210
215
220
235
250
264
File Name:GSV60-SPEC 2021-09-08
AMBIENT TEMPERATURE (℃)
(HORIZONTAL)
(60W)
-20
-10
0
10
30
50
70
85
90
20
40
60
80
100
Tcase (℃)
(HORIZONTAL)
0
-10
-20
20
10
30
40
20
40
80
60
70
100
50
G S V 6 0 series
60W With PFC LED Power Supply
PWM & PFC
EMI FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
RECTIFIERS
LOAD
Power Factor Characteristic(24V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com