Electronic Components Datasheet Search
  English  ▼

X  

GSV60 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GSV60
Description  60W With PFC LED Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSV60 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GSV60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. GSV60 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION
MODEL
OUTPUT
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(max.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORT CIRCUIT
47 ~ 63Hz
PF>0.92/230VAC at full load (Please refer to "Power Factor Characteristic" curve)
0.5A/230VAC
<0.25mA max. @ 230VAC
20 ~ 95% RH non-condensing
-30 ~ +80℃, 10 ~ 95% RH
10 ~ 500Hz, 2G 12min./1cycle, period for 72min. each along X, Y, Z axes
E : 75.5*32*47.5 mm(L*W*H) ; I: 75.5*39.1*56.2 mm(L*W*H)
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
VOLTAGE RANGE
180 ~ 264VAC
255 ~ 373VDC
EMC IMMUNITY
EMC EMISSION
CONNECTOR
PLUG
CABLE
COLD START 20A(twidth=200μs measured at 50% Ipeak) at 230VAC
GSV60 E 12-P1J
GSV60 E 24-P1J
DC VOLTAGE
RATED POWER
24V
12V
60W
2.5A
50W
±2.0%
RIPPLE & NOISE (max.) Note.2
4.16A
VOLTAGE TOLERANCE Note.3
LINE REGULATION
105 ~ 160% rated output power
OVER LOAD
-20 ~ +40℃ (Refer to "Derating Curve")
±0.03%/℃ (-20 ~ 40℃)
RATED CURRENT
TOTAL HARMONIC DISTORTION <20%/230VAC @ full load
4.5Vp-p max.
±2.25V
±2.0%
3Vp-p max.
±1.5V
86% min. @ 230VAC
0.5W max.
NO LOAD CONSUMPTION
85% min. @ 230VAC
See page 5~6 ; Other type available by customer requested
See page 5~6 ; Other type available by customer requested
450K hrs min.
MIL-HDBK-217F (25℃)
E: 240g ; 60pcs / 15.5kg / CARTON ; I: 200g ; 60pcs / 13.5kg / CARTON
 
℃
μ


℃℃
※
:https://www.meanwell.com/serviceDisclaimer.aspx
G S V 6 0 series
60W With PFC LED Power Supply
48V
60W
1.25A
6.5Vp-p max.
±4.5V
±2.0%
89% min. @ 230VAC
0.5A/230VAC
GSV60 E 48-P1J
57.6V ~ 72V
OPEN CIRCUIT VOLTAGE
<15V
<28V
<57V
LVD BS EN/EN61347-1, BS EN/EN61347-2-13, EAC TP TC 004 approved
Compliance to BS EN/EN55015, BS EN/EN61000-3-2 Class C (100% load) ; BS EN/EN61000-3-3, EAC TP TC 020
Compliance to BS EN/EN61000-4-2,3,4,5,6,8,11, BS EN/EN61547, light industry level, criteria A, EAC TP TC 020
Hiccup mode, recovers automatically after fault condition is removed
SETUP UP TIME
500ms/230VAC at full load
Protection type : Clamp by zener diode, output short
15.6V ~ 18V
28V ~ 32.4V
OVER VOLTAGE
Protection type : Hiccup mode, recovers automatically after fault condition is removed
File Name:GSV60-SPEC 2021-09-08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com