Electronic Components Datasheet Search
  English  ▼

X  

MAX14616 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14616
Description  Micro-USB Interface Circuit Plus Intelligent Li Battery Chargers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14616 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14616 Datasheet HTML 1Page - Maxim Integrated Products MAX14616 Datasheet HTML 2Page - Maxim Integrated Products MAX14616 Datasheet HTML 3Page - Maxim Integrated Products MAX14616 Datasheet HTML 4Page - Maxim Integrated Products MAX14616 Datasheet HTML 5Page - Maxim Integrated Products MAX14616 Datasheet HTML 6Page - Maxim Integrated Products MAX14616 Datasheet HTML 7Page - Maxim Integrated Products MAX14616 Datasheet HTML 8Page - Maxim Integrated Products MAX14616 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
General Description
The MAX14616/MAX14616A are a complete solution
for interfacing to a micro-USB connector and include
an advanced charger detection block, a linear battery
charger, and a switch block capable of multiplexing USB,
UART, audio, and composite video signals. The devices
include an LED driver for battery charge status and bat-
tery present detection.
The MAX14616/MAX14616A support multiplexing USB
2.0 Hi-Speed, UART, and stereo audio signals with a
single micro-USB connector. The USB channel features
low 3Ω (typ) on-resistance and 7pF (typ) on capacitance
to minimize USB signal degradation. The audio inputs
feature negative rail signal operation down to -2V and
0.1Ω on-resistance flatness for low THD.
The MAX14616/MAX14616A charger detection block
supports USB Battery Charger Detection Revision 1.1
requirements and also detects many common non-USB-
defined power adapters. The SFOUT LDO provides a
voltage-limited USB VBUS output for powering devices
such as USB transceivers that cannot withstand high
voltage. The MAX14616/MAX14616A include a compos-
ite video cable unplug detector capable of detecting the
removal of a video termination resistor.
The MAX14616/MAX14616A battery charger adds a bat-
tery present detector to automatically disable the battery
charger in case the battery is removed. They also include
an open-drain LED driver to indicate the battery charger
operation status.
The MAX14616/MAX14616A are available in a 25-bump
(2mm x 2mm, 0.4mm pitch) WLP package and operates
over the -40°C to +85°C extended temperature range.
Applications
Benefits and Features
● High Level of Integration
• Complete Solution for Micro-USB Connector
Multiplexing
USB 2.0 Hi-Speed Switch with 3Ω (typ)
On-Resistance
Negative-Rail Audio Inputs with Low THD
Detection Logic for Accessory Identification
Composite Video Load Removal Detection
● Internal Li+ Battery Charger with +28V (max) Input
● USB Battery Charger Detection
• Supports USB BC1.1 with Advanced Features
from USB BC1.2
• Data Contact Detection (DCD) Support
• USB DCP, SDP, and CDP Detection
• Non-USB Defined Charger Detection Capability
● High-Voltage Protected LDO for USB Transceiver
● Charger Status LED Output Driver
● Battery Presence Monitor
● High-ESD Protection on COMN1, COMP2, and UID
±15kV for Human Body Model
±10kV for IEC 61000-4-2 Air Gap Discharge
±7kV for IEC 61000-4-2 Contact Discharge
● Saves Power in Portable Application
• Low Supply Current
● Saves Space
• 25-Bump, 2mm x 2mm, WLP Package
Ordering Information appears at end of data sheet.
19-6180; Rev 1; 6/12
● Media Players
● Cell Phones
● Digital Cameras
● eReaders
● Tablets
MAX14616/MAX14616A
Micro-USB Interface Circuit
Plus Intelligent Li+ Battery Chargers
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14616

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
MAX14611 MAXIM-MAX14611 Datasheet
1Mb / 13P
On-Board Adjustable Oscillators
Rev 0; 9/13
MAX14611ETD+ MAXIM-MAX14611ETD+ Datasheet
2Mb / 15P
Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
MAX14611EUD+ MAXIM-MAX14611EUD+ Datasheet
2Mb / 15P
Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
MAX14611EVKIT MAXIM-MAX14611EVKIT Datasheet
1Mb / 13P
On-Board Adjustable Oscillators
Rev 0; 9/13
More results

Similar Description - MAX14616

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
USB Li-Ion Battery Charger
logo
Linear Technology
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
Dual Input Standalone Li-Ion Battery Chargers
logo
Mitsumi Electronics, Co...
DTC-S1P MITSUMI-DTC-S1P Datasheet
157Kb / 2P
AC Chargers for Li-ion Battery Pack
logo
Maxim Integrated Produc...
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
USB Detection with Smart Power Selector Li Chargers
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com