Electronic Components Datasheet Search
  English  ▼

X  

MAX14616 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14616
Description  Micro-USB Interface Circuit Plus Intelligent Li Battery Chargers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14616 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14616 Datasheet HTML 17Page - Maxim Integrated Products MAX14616 Datasheet HTML 18Page - Maxim Integrated Products MAX14616 Datasheet HTML 19Page - Maxim Integrated Products MAX14616 Datasheet HTML 20Page - Maxim Integrated Products MAX14616 Datasheet HTML 21Page - Maxim Integrated Products MAX14616 Datasheet HTML 22Page - Maxim Integrated Products MAX14616 Datasheet HTML 23Page - Maxim Integrated Products MAX14616 Datasheet HTML 24Page - Maxim Integrated Products MAX14616 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
FIELD NAME
READ/WRITE
BITS
DEFAULT
DESCRIPTION
RFU
Read Only
[7:4]
0000
Reserved
ADC1KI
Read Only
[3]
(Note 10)
ADC 1K Detected or Removed Interrupt
0 = No change
1 = ADC1K bit has changed
ADCErrorI
Read Only
[2]
(Note 10)
ADC Error Interrupt
0 = No change
1 = ADCError bit has changed
ADCLowI
Read Only
[1]
(Note 10)
ADC Low-Bit Change Interrupt
0 = No change
1 = ADCLow bit has changed
ADCI
Read Only
[0]
(Note 10)
ADC Change Interrupt
0 = No change
1 = ADC bits have changed
INT2 (0x02) (All bits are cleared after a read)
Bits in this register are set when associated bits in the STATUS2 register change. INT is asserted when any bit in the INT2 register is
set, unless masked in the INTMASK2 register.
RFU
Read Only
[7:6]
00
Reserved
VidRmI
Read Only
[5]
(Note 10)
Video Cable Removal Interrupt
0 = No change
1 = VidRm bit has changed
VBVoltI
Read Only
[4]
(Note 10)
VB Voltage Interrupt
0 = No change
1 = VBVolt bit has changed
DXOVPI
Read Only
[3]
(Note 10)
D+/D- OVP Interrupt
0 = No change
1 = DXOVP bit has changed
DCDTmrI
Read Only
[2]
(Note 10)
DCD Timer Interrupt
0 = No change
1 = DCDTmr bit has changed
ChgDetRunI
Read Only
[1]
(Note 10)
Charger Detection Running Status Interrupt
0 = No change
1 = ChgDetRun bit has changed
ChgTypI
Read Only
[0]
(Note 10)
Charger Type Interrupt
0 = No change
1 = ChgTyp bits have changed
INT3 (0x03) (All bits are cleared after a read)
Bits in this register are set when associated bits in the STATUS3 register change. INT is asserted when any bit in the INT3 register is
set, unless masked in the INTMASK3 register.
MAX14616/MAX14616A
Micro-USB Interface Circuit
Plus Intelligent Li+ Battery Chargers
www.maximintegrated.com
Maxim Integrated │ 21
Detailed Register Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com