| Electronic Components Datasheet Search |
|
ICS1893BF Datasheet(PDF) 72 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BF Datasheet(HTML) 72 Page - Integrated Circuit Systems |
|
72 / 133 page ![]() ICS1893BF, Rev. C, 9/29/05 September, 2005 72 Chapter 7 Management Register Set ICS1893BF Data Sheet - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 7.9 Register 7: Auto-Negotiation Next Page Transmit Register Table 7-14 lists the bits for the Auto-Negotiation Next Page Transmit Register, which establishes the contents of the Next Page Link Control Word that is transmitted during Next Page Operations. This table is compliant with the ISO/IEC specification. Note: For an explanation of acronyms used in Table 7-14, see Chapter 1, “Abbreviations and Acronyms”. † As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value to all Reserved bits. Table 7-14. Auto-Negotiation Next Page Transmit Register (register 7 [0x07]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 7.15 Next Page Last Page Additional Pages follow RW – 0 2 7.14 IEEE reserved Always 0 N/A RO – 0† 7.13 Message Page Unformatted Page Message Page RW – 1 7.12 Acknowledge 2 Cannot comply with Message Can comply with Message RW – 0 7.11 Toggle Previous Link Code Word was zero Previous Link Code Word was one RO – 0 0 7.10 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.9 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.8 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.7 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 0 7.6 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.5 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.4 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.3 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 1 7.2 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.1 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 0 7.0 Message code field /Unformatted code field Bit value depends on the particular message Bit value depends on the particular message RW – 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |