| Electronic Components Datasheet Search |
|
ICS1893BF Datasheet(PDF) 87 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893BF Datasheet(HTML) 87 Page - Integrated Circuit Systems |
|
87 / 133 page ![]() Chapter 7 Management Register Set ICS1893BF, Rev. C, 9/29/05 September, 2005 87 ICS1893BF Data Sheet Rev. C - Release Copyright © 2005, Integrated Circuit Systems, Inc. All rights reserved. 7.14 Register 19: Extended Control Register 2 The Extended Control Register provides more refined control of the internal ICS1893BF operations. Note: 1. For an explanation of acronyms used in Table 7-20, see Chapter 1, “Abbreviations and Acronyms”. 2. During any write operation to any bit in this register, the STA must write the default value to all Reserved bits. † The default is the state of this pin at reset. Table 7-21. Extended Control Register (register [0x13]) Bit Definition When Bit = 0 When Bit = 1 Ac- cess SF De- fault Hex 19.15 Node Mode Node mode Repeater mode RO – 0 4 19.14 Hardware/Software Mode Hardware mode Software mode RO – 1 19.13 Remote Fault No faults detected Remote fault detected RO – 0 19.12 ICS reserved Read unspecified Read unspecified RW – 0 19.11 ICS reserved Read unspecified Read unspecified RW – 0 2 19.10 ICS reserved Read unspecified Read unspecified RO – 0 19.9 AMDIX_EN See Table 7-22 See Table 7-22 RW – 1 19.8 MDI_MODE See Table 7-22 See Table 7-22 RW – 0 19.7 Twisted Pair Tri-State Enable, TPTRI Twisted Pair Signals are not Tri-Stated or No effect Twisted Pair Signals are Tri-Stated RW – 0 0 19.6 ICS reserved Read unspecified Read unspecified RW – 0 19.5 ICS reserved Read unspecified Read unspecified RW – 0 19.4 ICS reserved Read unspecified Read unspecified RW – 0 19.3 ICS reserved Read unspecified Read unspecified RW – 0 1 19.2 ICS reserved Read unspecified Read unspecified RW – 0 19.1 ICS reserved Read unspecified Read unspecified RW – 0 19.0 Automatic 100Base-TX Power Down Do not automatically power down Power down automatically RW – 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |