Electronic Components Datasheet Search
  English  ▼

X  

ICS8547 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8547
Description  HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8547 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8547 Datasheet HTML 2Page - Integrated Circuit Systems ICS8547 Datasheet HTML 3Page - Integrated Circuit Systems ICS8547 Datasheet HTML 4Page - Integrated Circuit Systems ICS8547 Datasheet HTML 5Page - Integrated Circuit Systems ICS8547 Datasheet HTML 6Page - Integrated Circuit Systems ICS8547 Datasheet HTML 7Page - Integrated Circuit Systems ICS8547 Datasheet HTML 8Page - Integrated Circuit Systems ICS8547 Datasheet HTML 9Page - Integrated Circuit Systems ICS8547 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ICS8547AY
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 4, 2003
6
Integrated
Circuit
Systems, Inc.
ICS8547
HEX, LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
PARAMETER MEASUREMENT INFORMATION
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+-
Float GND
3.3V
PART-TO-PART SKEW
V
CMR
Cross Points
V
PP
GND
CLKx
nCLKx
V
DD
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
Clock Outputs
20%
80%
20%
80%
t
R
t
F
V
OD
tsk(o)
Qx
Qy
OUTPUT SKEW
tsk(pp)
PART 1
PART 2
CLKx
t
PD
odc & t
PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
QxA, QxB
nCLKx
nQx
nQy
Qx
Qy
nQx
nQy
nQxA, nQxB
QxA, QxB
nQxA, nQxB
BANK SKEW
tsk(b)
QxA,
nQxA
QxA,
nQxA
QxB,
nQxB
QxB,
nQxB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com