Electronic Components Datasheet Search
  English  ▼

X  

LTM4693 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4693
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4693 Datasheet(HTML) 2 Page - Analog Devices

  LTM4693 Datasheet HTML 1Page - Analog Devices LTM4693 Datasheet HTML 2Page - Analog Devices LTM4693 Datasheet HTML 3Page - Analog Devices LTM4693 Datasheet HTML 4Page - Analog Devices LTM4693 Datasheet HTML 5Page - Analog Devices LTM4693 Datasheet HTML 6Page - Analog Devices LTM4693 Datasheet HTML 7Page - Analog Devices LTM4693 Datasheet HTML 8Page - Analog Devices LTM4693 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTM4693
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VIN, VOUT ................................................. –0.3V to 6V
SW1, SW2 Voltage................................... –0.3V to 6V
All Other Pins............................................... –0.3V to 6V
Operating Junction Temperature
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
TOP VIEW
LGA Package
25-LEAD (3.5mm × 4mm × 1.25mm)
TJMAX = 125°C, θJCtop = 34°C/W, θJCbottom = 6.5°C/W,
θJA = 38°C/W, WEIGHT = 39.4mg
5
1
2
3
4
E
A
B
C
D
VIN
GND
GND
SW2
SW1
VOUT
GND
COMP
RUN/UVLO
FB
SS
MODE/SYNC
FREQ
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
JDEC
FINISH CODE
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4693EV#PBF
Au (RoHS)
4693
V
e4
LGA
3
–40°C to 125°C
LTM4693IV#PBF
• Contact the factory for parts specified with wider operating
temperature ranges. *Pad or ball finish code is per IPC/JEDEC
J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com