Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4352
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 3Page - Analog Devices LTC4352 Datasheet HTML 4Page - Analog Devices LTC4352 Datasheet HTML 5Page - Analog Devices LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC4451
7
Rev. 0
For more information www.analog.com
OPERATION
The LTC4451 is an 40V Schottky diode replacement con-
sisting of an integrated N-channel power MOSFET and
controller. The ideal diode regulates the forward voltage to
15mV to minimize power loss and ensure smooth current
transfer without oscillation in diode-OR applications. The
power MOSFET can deliver up to 7A output current from
its input supply with a forward conduction resistance of
21mΩ when fully enhanced.
The LTC4451 features a high performance precision
OTA which senses the voltage on the IN and OUT pins
and drives the power MOSFET gate in regulation. The
OTA senses when the forward voltage drop across the
power MOSFET is sufficiently large and drives its gate
to achieve full enhancement within 1µs. When the power
MOSFET is fully enhanced, the forward voltage drop is
equal to RDS(ON) • IOUT. The OTA also senses when reverse
conditions are present and drives the gate of the power
MOSFET to IN within 1µs to disable the ideal diode allow-
ing the LTC4451 to have a fast reverse recovery time.
The STATUS open drain output pulls low when the gate
of the N-Channel MOSFET is pulled low indicating that
the LTC4451 operates in reverse bias or in shutdown.
Otherwise, STATUS pulls high indicating that the LTC4451
is operating in forward bias. Connect STATUS to an exter-
nal supply through a pull-up resistor. Leave open when
unused.
When the SHDN# pin is pulled below 0.4V (VSHDN#(TH)),
the gate drive for the power MOSFET is disabled and the
LTC4451 enters a low current state. STATUS is pulled low
and the power MOSFET body diode conducts the load
current under forward biased condition. A SHDN# low
to high transition allows the LTC4451 to power up and
operate normally.
IN can operate down to 0V when the VCC auxiliary supply
voltage is above 2.75V. When either IN or VCC exceeds
2.75V the LTC4451 activates an internal burst-mode
charge pump to drive the gate of the N-Channel power
MOSFET. The burst-mode charge pump requires tSTART to
turn on. During that delay the power MOSFET body diode
conducts the load and inrush current if forward biased.
APPLICATIONS INFORMATION
Blocking diodes, commonly implemented by Schottky
diodes, are typically placed in series with supply inputs
for the purpose of OR’ing redundant power sources and
protecting against supply reversal. The LTC4451 replaces
diodes in these applications. Under forward conduction
both the voltage drop and power loss are greatly reduced
compared to a passive solution. When blocking voltage
under reverse bias, the LTC4451 has significantly less
reverse leakage than a typical Schottky diode.
The LTC4451 has a wide operating voltage range of 2.75V
to 40V. When an auxiliary supply voltage is connected to
VCC the ideal diode can operate down to 0V making it ideal
for applications that must tolerate large voltage transients.
Ideal diodes, like their non-ideal counterparts, exhibit
a behavior known as reverse recovery. The presence
of parasitic input inductance may cause large and
potentially damaging reverse recovery current spikes dur-
ing a reverse mode commutation. Spikes and protection
schemes are discussed in detail in the Input Short-Circuit
Faults section.
It is important to note that the SHDN# pin, while disabling
the LTC4451 and reducing its current consumption, does
not disconnect the load from the input since the internal
MOSFET’s body diode is everpresent.
Paralleling Supplies (Diode-OR)
In many electrical systems, it is common to have a backup
power source in addition to the primary power source.
When the primary power source droops or is removed,
the system runs from the backup power source. The
outputs of two or more LTC4451s can be combined for
redundancy or for droop sharing as shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com