Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4352
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices LTC4352 Datasheet HTML 12Page - Analog Devices LTC4352 Datasheet HTML 13Page - Analog Devices LTC4352 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC4451
10
Rev. 0
For more information www.analog.com
VIN
VOUT
GND
GND
CVCC
GND
COUT
OPTIONAL
TVS OR SCHOTTKY
1
2
3
4
5
6
VCC
IN
IN
IN
IN
IN
14
13
12
11
10
9
GND
OUT
OUT
OUT
OUT
OUT
16
15
7
8
4451 F04
CIN
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS
Figure 4. Recommended Layout
Figure 5. 24V Diode-OR with Reverse Recovery Protection
wide and short to minimize resistive losses. To ensure
a low contact resistance, solder the device’s IN/OUT
pins to the board using a reflow process. Include holes
underneath the exposed pads to keep solder in place to
avoid high voltage shorts between pins. The wide IN/OUT
traces also act as a heat sink to remove the heat in the
presence of a high current load. Place COUT, surge sup-
pressors and necessary transient protection components
close to the LTC4451 using short lead lengths. Transient
voltage suppressors should have short wide traces to
GND. Place decoupling capacitors close to the IN and VCC
pins. Figure 4 shows the recommended PCB layout for
the LTC4451. The temperature rise of the recommended
PCB layout with 6A load current is 25°C.
VOUT
VCC
SHDN#
GND
LTC4451
IN
OUT
VINA
24V
VCC
GND
LTC4451
IN
OUT
CLOAD
100µF
120m ESR
SHDN#
STATUS
NC
STATUS
NC
VINB
24V
4451 F05
MBRS130
1A
30V
MBRS130
1A
30V
CIN1
0.1µF
CIN2
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com