Electronic Components Datasheet Search
  English  ▼

X  

ADL6012 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL6012
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL6012 Datasheet HTML 7Page - Analog Devices ADL6012 Datasheet HTML 8Page - Analog Devices ADL6012 Datasheet HTML 9Page - Analog Devices ADL6012 Datasheet HTML 10Page - Analog Devices ADL6012 Datasheet HTML 11Page - Analog Devices ADL6012 Datasheet HTML 12Page - Analog Devices ADL6012 Datasheet HTML 13Page - Analog Devices ADL6012 Datasheet HTML 14Page - Analog Devices ADL6012 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC5597
11
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs RF Input Power
for Various Modulation Formats
Linearity Error vs RF Input Power for
Various Modulation Formats, Regression
Using CW Slope and Intercept Values
Power Measurement Error
Relative to CW for Various
Modulation Formats
Output Transient Response to RF
Input Pulse
Output Transient Response with
CW RF and Enable Pulse
Magnitude S11 vs Frequency
VCC = 3.3V, EN = 3.3V, TC= 25°C. CW, 50Ω Source
at RFIN, fRF = 2.7GHz, test circuit is shown in Figure 1.
5597 G37
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT POWER (dBm)
AWGN-5MHz
AWGN-10MHz
AWGN-15MHz
CW
IS95-3Carr
IS95-4Carr
IS95-32fwd
IS95-64fwd
IS95-9fwd
WCDMA-2Carr
WCDMA-3Carr
WCDMA-4Carr
WCDMA-DPCH1
WCDMA-DPCCH
5597 G38
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
4.0
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
INPUT POWER (dBm)
AWGN:5e6
AWGN:10e6
AWGN:15e6
CW
IS95:CAR3
IS95:CAR4
IS95:FWD32
IS95:FWD64
IS95:FWD9
WCDMA:DN:CAR2
WCDMA:DN:CAR3
WCDMA:DN:CAR4
WCDMA:DN:DPCH1
WCDMA:UP:DPCCH
5597 G39
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
INPUT POWER (dBm)
AWGN:10e6
AWGN:15e6
AWGN:5e6
IS95:CAR3
IS95:CAR4
IS95:FWD32
IS95:FWD64
IS95:FWD9
WCDMA:DN:CAR2
WCDMA:DN:CAR3
WCDMA:DN:CAR4
WCDMA:DN:DPCH1
WCDMA:UP:DPCCH
5597 G40
PULSE EN
0
5 10 15 20 25 30 35 40 45 50
1.2
1.0
0.8
0.6
0.4
0.2
0
6
3
0
TIME (s)
5dBm
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
–35dBm
5597 G41
EN
0
5
10
15
20
25
30
35
1.2
1.0
0.8
0.6
0.4
0.2
0
6
3
0
TIME (s)
10dBm
0dBm
–10dBm
–20dBm
–30dBm
En_High
En_Low
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
70
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5597 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com