Electronic Components Datasheet Search
  English  ▼

X  

ADL6012 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL6012
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012 Datasheet(HTML) 2 Page - Analog Devices

  ADL6012 Datasheet HTML 1Page - Analog Devices ADL6012 Datasheet HTML 2Page - Analog Devices ADL6012 Datasheet HTML 3Page - Analog Devices ADL6012 Datasheet HTML 4Page - Analog Devices ADL6012 Datasheet HTML 5Page - Analog Devices ADL6012 Datasheet HTML 6Page - Analog Devices ADL6012 Datasheet HTML 7Page - Analog Devices ADL6012 Datasheet HTML 8Page - Analog Devices ADL6012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC5597
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TOP VIEW
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
4
1
2
3
6
5
7
8 EN
GND
RFIN
GND
VCC
OUT
FLTR
GND
9
TJMAX = 150°C, θJC = 25°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
I-GRADE (NOTE 3)
H-GRADE (NOTE 4)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
RF Input
Input Frequency Range
0.1 to 70
0.1 to 70
GHz
Input Impedance
50||50
50||50
Ω||fF
Detector Response (RFIN to OUT)
RF Input Power Range, TC = 25°C
±1dB LOG-Linearity Error (Note 5, 6)
fRF = 100MHz
fRF = 500MHz
fRF = 1GHz
fRF = 2.7GHz
fRF = 5.8GHz
fRF = 10GHz
fRF = 15GHz
fRF = 18GHz
fRF = 24GHz
fRF = 28GHz
fRF = 30GHz
fRF = 39GHz
fRF = 42GHz
fRF = 50GHz
fRF = 52GHz
fRF = 60GHz
fRF = 67GHz
fRF = 70GHz
–38.2 to 4.5
–41.7 to 3.2
–40.8 to 3.5
–40.1 to 3.5
–40.6 to 3.3
–41.1 to 3.0
–40.2 to 3.7
–40.0 to 3.6
–40.0 to 3.6
–39.3 to 4.3
–38.7 to 4.7
–38.0 to 5.2
–38.1 to 5.0
–40.0 to 3.0
–40.0 to 2.8
–39.4 to 1.5
–38.3 to 0.2
–36.1 to 1.9
–38.2 to 4.5
–41.7 to 3.2
–40.8 to 3.5
–40.1 to 3.5
–40.6 to 3.3
–41.1 to 3.0
–40.2 to 3.7
–40.0 to 3.6
–40.0 to 3.6
–39.3 to 4.3
–38.7 to 4.7
–38.0 to 5.2
–38.1 to 5.0
–40.0 to 3.0
–40.0 to 2.8
–39.4 to 1.5
–38.3 to 0.2
–36.1 to 1.9
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
dBm
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5597IDC#PBF
LTC5597IDC#TRPBF
LHKF
8-Lead 2mm × 2mm Plastic DFN
–40°C to 105°C
LTC5597HDC#PBF
LTC5597HDC#TRPBF
LHKF
8-Lead 2mm x 2mm Plastic DFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. CW, 50Ω source at RFIN, fRF = 2.7GHz, test
circuit is shown in Figure 1.
Supply Voltage (VCC) ...............................................3.8V
RFIN Input Signal Power - Average.......................15dBm
RFIN Input Signal Power - Peak (Note 2)..............20dBm
DC Voltage at RFIN ....................................... –0.3V to 1V
DC Voltage at FLTR ................................... –0.3V to 0.4V
DC Voltage at EN....................................... –0.3V to 3.8V
TJMAX.................................................................... 150°C
Case Operating Temperature Range (TC):
I-Grade (Note 3)................................ −40°C to 105°C
H-Grade (Note 4) .............................. −40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com