Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8045
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 2Page - Analog Devices LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices LTM8045 Datasheet HTML 9Page - Analog Devices LTM8045 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTM4693
6
Rev. 0
For more information www.analog.com
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
PIN FUNCTIONS
GND (Pins A1, B1, A3, B3, C3, A5, B5): Power Ground
Connection. These pins and exposed thermal pad must
make full connection to PCB ground plane to meet specific
thermal requirements.
SW1 (Pins A2, B2, C2): Buck-Boost Converter Switching
Node Pin 1.
SW2 (Pins A4, B4, C4): Buck-Boost Converter Switching
Node Pin 2.
VIN (Pins C1, D1, D2): Power Input for Buck-Boost
Converter. Connect a minimum 22μF low ESR capacitor
to GND as close to the device as possible.
VOUT (Pins C5, D4, D5): Power Output for Buck-Boost
Converter. Connect a minimum 22μF low ESR capacitor
to GND as close to the device as possible. Capacitor value
may change depending on VOUT voltage and load current
requirements.
SS (Pin D3): External Soft-Start. Connect to VIN for 2ms
default soft-start period. Connect an external capacitor to
set soft-start period according to Equation 1.
tSS (ms) = 0.8 • CSS (nF)
(1)
RUN/UVLO (Pin E1): Input to Enable the IC. Connect
RUN to VIN to enable the LTM4693 at the 2.6V minimum
operating voltage. Connect to an external divider from VIN
to provide a programmable accurate VIN undervoltage
threshold, see application information for details.
MODE/SYNC (Pin E2): Mode Selection and Oscillator
Synchronization. Do not leave this pin floating.
MODE/SYNC = High (VIN). Disable Burst Mode opera-
tion and maintain low noise, constant frequency
PWM operation.
MODE/SYNC = Low (GND). The converter operates in
Burst Mode operation.
MODE/SYNC = External CLK. The internal oscillator is syn-
chronized to the external CLK signal, Burst Mode opera-
tion is disabled. A clock pulse width between 75ns and
tperiod –75ns is required to synchronize the oscillator. An
external resistor must be connected between FREQ and
GND to program the oscillator 25% to 50% below the
desired synchronization frequency.
FREQ (Pin E3): Oscillator Frequency Programming Input.
Default switching frequency is 1MHz when this pin is left
floating. Connect an external RT resistor from FREQ to
GND to program the switching frequency from 1MHz to
4MHz according to Equation 2.
RT (kΩ) =
110
fSW (MHz) – 1
(2)
FB (Pin E4): Feedback Input to Error Amplifier. The resis-
tor connected to this pin sets the converter output voltage
(Equation 3).
VOUT = 1.0V •
RFB + 60.4k
RFB
(3)
COMP (Pin E5): The output of the voltage error ampli-
fier used to program average inductor current inside the
module. An R-C from this pin to ground sets the voltage
loop compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com