Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8045
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 8Page - Analog Devices LTM8045 Datasheet HTML 9Page - Analog Devices LTM8045 Datasheet HTML 10Page - Analog Devices LTM8045 Datasheet HTML 11Page - Analog Devices LTM8045 Datasheet HTML 12Page - Analog Devices LTM8045 Datasheet HTML 13Page - Analog Devices LTM8045 Datasheet HTML 14Page - Analog Devices LTM8045 Datasheet HTML 15Page - Analog Devices LTM8045 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTM4693
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
duty cycle command into the buck-boost PWM circuitry.
The inductor current sensing circuitry alternately mea-
sures the current through the power switches. The output
of the sensing circuitry produces a voltage across resis-
tor RCS that resembles the inductor current waveform
transformed to a voltage. If there is an increase in the
power converter load on VOUT, the instantaneous level
of VOUT will drop slightly, which will increase the voltage
level on VC by the inverting action of the voltage error
amplifier. When the increase on VC first occurs, the output
of the current averaging amplifier, ICOMP, will increase
momentarily to command a larger duty cycle. This duty
cycle increase will result in a higher inductor current level,
ultimately raising the average voltage across RCS. Once
the average value of the voltage on RCS is equivalent to
the VC level, the voltage on ICOMP will revert very closely to
its previous level into the PWM and force the correct duty
cycle to maintain voltage regulation at this new higher
inductor current level. The average current amplifier is
configured, so in steady state, the average value of the
voltage applied to its inverting input (voltage across RCS)
will be equivalent to the voltage on its non-inverting input
VC. As a result, the average value of the inductor current
is controlled in order to maintain voltage regulation. The
entire current amplifier and PWM can be simplified as a
voltage controlled current source, with the driving volt-
age coming from VC. The voltage error amplifier moni-
tors VOUT through a voltage divider and makes adjust-
ments to the current command as necessary to maintain
regulation. The voltage error amplifier therefore controls
the outer voltage regulation loop. The average current
amplifier makes adjustments to the inductor current as
directed by the voltage error amplifier output via VC and is
commonly referred to as the inner current loop amplifier.
The average current mode control technique is similar to
peak current mode control except that the average cur-
rent amplifier controls average current instead of the peak
current. This difference eliminates the peak to average
current error inherent to peak current mode control, while
maintaining most of the advantages inherent to peak cur-
rent mode control. The inner loop compensation compo-
nents are fixed internally on the LTM4693 to simplify the
loop design and provide the highest possible bandwidth
over a wide operating range. However, the compensation
of the voltage loop is external for the LTM4693 which
allows the overall loop characteristics to be customized
depending on the programmed output voltage, oscillator
frequency, output capacitance and equivalent ESR of the
output capacitors.
Figure 3. Average Current Mode Control Loop
VC
IL
ICOMP
CC
RC
VOUT
FB
CHF
4693 F03
1V
R3
RCS
SW2
PWM
DRIVE
LOGIC
TO
SWITCHES
PWM RAMPS/
OSCILLATOR
SW1
VAMP
IAMP
INDUCTOR
CURRENT SENSE
R4
CLAMP
0.9V
INTERNAL
CURRENT
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com