Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4411
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4411 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4411 Datasheet HTML 4Page - Analog Devices LTC4411 Datasheet HTML 5Page - Analog Devices LTC4411 Datasheet HTML 6Page - Analog Devices LTC4411 Datasheet HTML 7Page - Analog Devices LTC4411 Datasheet HTML 8Page - Analog Devices LTC4411 Datasheet HTML 9Page - Analog Devices LTC4411 Datasheet HTML 10Page - Analog Devices LTC4411 Datasheet HTML 11Page - Analog Devices LTC4411 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC4451
8
Rev. 0
For more information www.analog.com
For redundant supplies, the highest input supply voltage
conducts all or most of the load current. If this supply’s
voltage droops or is short-circuited the ideal diode senses
the reverse condition and activates a fast pull-down of
the gate of the internal N-Channel MOSFET. The LTC4451
can withstand a reverse voltage of up to 40V differential
between its power supply and output.
The reverse recovery time is dependent on the high per-
formance OTA’s transient response and gate slew rate.
The reverse recovery current may cause the input supply
voltage to rise, with the amount of voltage rise dependent
on the input supply’s impedance. The safest course of
action is to use capacitors on the input supply whose
voltage rating is higher than the highest voltage in the
system or to consider protecting those capacitors with a
TVS, for example.
Following a supply transient the output voltage droops
until the ideal diode connected to the next highest supply
detects a forward condition and enhances the gate of its
N-Channel MOSFET. The OTA regulates the forward drop
to 15mV (∆VFWD). If a larger forward drop is detected the
LTC4451 fully enhances the gate of its N-Channel MOSFET
within 0.3µs (tON) typical from a regulation condition and
3µs from a reverse bias condition.
To ensure there is minimal droop at the output, select
a low ESR capacitor large enough to ride through the
Fast-On delay time. A low ESR bulk capacitor will reduce
APPLICATIONS INFORMATION
IR drops to the output voltage while the load current is
sourced from the capacitor. To calculate the value of the
load capacitor that will ride through the Fast-On delay time
from reverse mode:
CLOAD ≥
ILOAD(MAX) •3µs
ΔVOUT(DROOP) –ESR•ILOAD(MAX)
Shutdown Mode
Driving SHDN# below 0.4V (VSHDN#(TH)) reduces the cur-
rent consumption of the part to less than 5µA and pulls
the gate of the internal N-Channel MOSFET to IN to dis-
able it. The STATUS pin is pulled low to indicate that the
LTC4451 is disabled.
Shutdown does not interrupt forward current flow since a
path is still present through the internal MOSFET’s body
diode. The forward voltage drop is 0.6V (∆VBODY) and
power dissipation increases for a given load current. The
LTC4451 enters a shutdown state within 20µs (tSHDN#)
of a SHDN# falling edge. Driving SHDN# above 0.85V
(VSHDN#(TH)) + 0.07V (VSHDN#(HYS)) (typical) enables the
gate driver allowing the LTC4451 to operate as an ideal
diode. In shutdown the internal charge pump and gate
drive are disabled. The part requires 250µs (tSTART) to
reactivate the charge pump and fully enhance the gate of
the N-Channel MOSFET.
If the shutdown feature is not needed then connect the pin
to an external supply voltage above 1.5V. SHDN# may be
driven with a 3.3V or 5V logic signal or with an external
pulldown transistor and pull-up resistor to an external
supply as shown in Figure 2. Ensure that the pull-up resis-
tor is low enough such that the pull-up current overcomes
any leakage present at this pin. If capacitive
Figure 1. Redundant Diode-OR Power Supplies
Figure 2. External SHDN# Control
4451 F01
CLOAD
LTC4451
GND
OUT
IN
VOUT
VINA
24V
LTC4451
GND
OUT
IN
VINB
24V
CIN1
0.1µF
CIN2
0.1µF
R1
M1
LTC4451
GND
OUT
IN
SHDN#
VIN
2.75V TO 40V
OPTIONAL
4451 F02
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com