Electronic Components Datasheet Search
  English  ▼

X  

LTC4411 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4411
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4411 Datasheet(HTML) 1 Page - Analog Devices

  LTC4411 Datasheet HTML 1Page - Analog Devices LTC4411 Datasheet HTML 2Page - Analog Devices LTC4411 Datasheet HTML 3Page - Analog Devices LTC4411 Datasheet HTML 4Page - Analog Devices LTC4411 Datasheet HTML 5Page - Analog Devices LTC4411 Datasheet HTML 6Page - Analog Devices LTC4411 Datasheet HTML 7Page - Analog Devices LTC4411 Datasheet HTML 8Page - Analog Devices LTC4411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC4451
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V, 7A Ideal Diode
The LTC®4451 is a high-performance Schottky diode
replacement using an integrated N-Channel power
MOSFET. It easily ORs power supplies together to increase
system reliability and prevent reverse conduction.
The LTC4451 regulates the forward voltage at 15mV
to minimize power loss compared to Schottky diodes.
Regulation ensures smooth current transfer without oscil-
lation in diode-OR applications. When the power MOSFET
is fully enhanced, the RDS(ON) of the transistor is 21mΩ
and rated for forward conduction up to 7A while dissi-
pating 1.34W. A high performance gate driver with fast
transient response minimizes both forward power dis-
sipation and reverse current. The VCC input allows VIN to
work down to ground for low voltage applications. The
LTC4451 is available in a small 16-Lead 2mm × 3mm
LQFN Package.
Power Dissipation vs Load Current
APPLICATIONS
n
Reduces Power Dissipation by Replacing a Power
Schottky Diode with No External Components
n
Internal 7A, 21mΩ N-Channel MOSFET
n
15mV Regulated Forward Voltage
n
20µA Operating Current, 0.8µA Shutdown
n
Wide 0V to 40V Input Range with VCC > 2.75V
n
Fast Turn-On Minimizes Voltage Droop
n
Fast Reverse Recovery Time Minimizes Reverse
Transient Current
n
Smooth Switchover in Diode-OR Applications
n
16-Lead 2mm × 3mm LQFN Package
n
Schottky Diode Replacement
n
Industrial, Medical and Consumer Portable Devices
n
Battery and Wall Adapter Diode ORing
All registered trademarks and trademarks are the property of their respective owners.
LTC4451
GND
OUT
IN
VCC
VOUT
24V, 7A
SHDN#
0.1µF
VIN
24V
4451 TA01
STATUS
STATUS
OUTPUT
POWER
SAVED
B540 SCHOTTKY
LTC4451
LOAD CURRENT (A)
0
2
4
6
8
10
0
1
2
3
4
5
6
4451 TA01b


Similar Part No. - LTC4411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4411 LINER-LTC4411 Datasheet
193Kb / 16P
Push Button On/Off Controller
logo
Linear Integrated Syste...
LTC4411 LINEAR-LTC4411 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4411 LINER-LTC4411 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
5A Ideal Diode
logo
Unisonic Technologies
UT4450 UTC-UT4450 Datasheet
362Kb / 9P
7A, 40V N-CHANNEL POWER MOSFET
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
5A Ideal Diode
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LTC4364-1 LINER-LTC4364-1_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
LTC4450 AD-LTC4450 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com