Electronic Components Datasheet Search
  English  ▼

X  

LTC4412 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4412
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4412 Datasheet(HTML) 4 Page - Analog Devices

  LTC4412 Datasheet HTML 1Page - Analog Devices LTC4412 Datasheet HTML 2Page - Analog Devices LTC4412 Datasheet HTML 3Page - Analog Devices LTC4412 Datasheet HTML 4Page - Analog Devices LTC4412 Datasheet HTML 5Page - Analog Devices LTC4412 Datasheet HTML 6Page - Analog Devices LTC4412 Datasheet HTML 7Page - Analog Devices LTC4412 Datasheet HTML 8Page - Analog Devices LTC4412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC4451
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Current in Regulation
VCC Current in Regulation
VIN Current in Shutdown
VCC Current in Shutdown
MOSFET RDS(ON) vs Temperature
OUT Reverse Leakage vs
Temperature
STATUS Output Low Voltage
vs Current
Forward Regulation Voltage vs
Temperature
MOSFET Turn-Off Time vs Final
Overdrive
VCC = 0V
125°C
25°C
–40°C
VIN (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
4451 G01
VCC (V)
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
4451 G04
SHDN# = 0V
125°C
25°C
–40°C
VIN = 12V, IFWD = 8A
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
15
20
25
30
35
4451 G07
VCC (V)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
4451 G02
VIN = 0V
125°C
25°C
–40°C
OUT = 0.1V
OUT = 1V
OUT = 10V
OUT = 20V
OUT = 30V
OUT = 40V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.001
0.01
0.1
1
10
4451 G05
SHDN# = 0V
VIN (V)
0
5
10
15
20
25
30
35
40
0
0.5
1.0
1.5
2.0
2.5
4451 G03
125°C
25°C
–40°C
VIN = 12V
ISTATUS (mA)
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
4451 G06
125°C
25°C
–40°C
VIN = 12V, IFWD = 50mA
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
12
14
16
18
20
4451 G09
VIN = 12V
∆VFWD = 20mV, STEP TO VFINAL
VFINAL (V)
0
–0.2
–0.4
–0.6
–0.8
–1
300
500
700
900
1100
1300
1500
1700
4451 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com