Electronic Components Datasheet Search
  English  ▼

X  

LTC4412 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4412
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4412 Datasheet(HTML) 2 Page - Analog Devices

  LTC4412 Datasheet HTML 1Page - Analog Devices LTC4412 Datasheet HTML 2Page - Analog Devices LTC4412 Datasheet HTML 3Page - Analog Devices LTC4412 Datasheet HTML 4Page - Analog Devices LTC4412 Datasheet HTML 5Page - Analog Devices LTC4412 Datasheet HTML 6Page - Analog Devices LTC4412 Datasheet HTML 7Page - Analog Devices LTC4412 Datasheet HTML 8Page - Analog Devices LTC4412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC4451
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
IN, OUT, SHDN#, STATUS ..................... –0.3V to 42V
VCC........................................................... –0.3V to 6V
IN to OUT (Note 3) .................................... –42V to 0.4V
Operating Junction Temperature Range
LTC4451A .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
6
VCC
IN
IN
IN
IN
IN
14
13
12
11
10
9
GND
OUT
OUT
OUT
OUT
OUT
TOP VIEW
16
15
7
8
LQFN PACKAGE
16-LEAD (2mm × 3mm × 0.75mm)
MSL RATING 3, θJA = 45°C/W, θJC = 7°C/W
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4451AV#TRMPBF
LTC4451AV#TRPBF
LHKK
16-Lead (2mm × 3mm × 0.75mm) Plastic LQFN
−40°C to 125°C
TRM = 500 pieces.
Contact the factory for parts specified with wider operating temperature ranges.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com