Electronic Components Datasheet Search
  English  ▼

X  

MAX38913 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX38913
Description  Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38913 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX38913 Datasheet HTML 1Page - Maxim Integrated Products MAX38913 Datasheet HTML 2Page - Maxim Integrated Products MAX38913 Datasheet HTML 3Page - Maxim Integrated Products MAX38913 Datasheet HTML 4Page - Maxim Integrated Products MAX38913 Datasheet HTML 5Page - Maxim Integrated Products MAX38913 Datasheet HTML 6Page - Maxim Integrated Products MAX38913 Datasheet HTML 7Page - Maxim Integrated Products MAX38913 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Click here to ask an associate for production status of specific part numbers.
MAX38913A WLP
Evaluation Kit
Evaluates: MAX38913
319-100697; Rev 0; 3/21
General Description
The MAX38913A WLP evaluation kit (EV kit) evaluates the
MAX38913A in a wafer-level package (WLP). The
MAX38913A is a low-noise linear regulator. The EV kit
operates over an input range of 1.8V to 5.5V. The EV kit
provides an output voltage that is jumper selectable
between two separate levels. Each of the two regulated
output levels are configured to one of the 33 possible
voltages
through
external
select
resistors.
The
MAX38913A EV kit features a pass-through mode that can
completely bypass the linear regulator. The EV kit can
deliver up to 1A of current.
Features
• Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm
Pitch) WLP
• 1.8V to 5.5V Input Range
• 0.6V to 5.0V Resistor Configurable Output Voltages
• Jumper Selectable Between Two Output Voltages
• Input to Output Pass-Through Mode
• Up to 1A Output Current
• Proven 4-Layer 1-oz Copper PCB Layout
• Demonstrates Compact Solution Size
• Fully Assembled and Tested
MAX38913A WLP EV Kit Files
FILE
DESCRIPTION
MAX38913A WLP
EV Kit BOM
EV Kit Bill of Materials
MAX38913A WLP
EV Kit PCB Layout
EV Kit Layout
MAX38913A WLP
EV Kit Schematic
EV Kit Schematic
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
• MAX38913A WLP EV Kit
• 1.8V to 5.5V, 3A DC power supply (IN)
• Electronic load capable of 1A
• Digital voltmeter (DVM)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify the board operation.
Caution: Do not turn on power supply until all
connections are completed.
1. Verify that jumper RSEL1 is opened (VSEL1 is set to
3.6V).
2. Verify that jumper RSEL2 is opened (VSEL2 is set to
1.8V).
3. Verify that jumpers EN2 and EN1 are shunted on pins
1 and 2 (OUT = VSEL2).
4. Connect the 5.5V power supply between the IN and
nearest GND terminal posts.
5. Connect the 1A electronic load between the OUT and
nearest GND terminal posts.
6. Connect the DVM between the OUT and nearest GND
terminal posts.
7. Turn on the power supply.
8. Verify that the voltage at the OUT terminal post is 1.8V
within the device and the RSEL resistors accuracy
specifications.
9. Enable the electronic load.
10. Verify that the voltage at the OUT terminal post is 1.8V
within the device and the RSEL resistors accuracy
specifications.
11. Move the shunt on Jumper EN2 to pins 2 and 3, Jumper
EN1 still shunt on pins 1 and 2, (OUT = VSEL1)
12. Verify that the voltage at the OUT terminal post is 3.6V
within the device and the RSEL resistors accuracy
specifications.


Similar Part No. - MAX38913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Analog Devices
MAX38913 AD-MAX38913 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
MAX38913 AD-MAX38913 Datasheet
1Mb / 20P
4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
logo
Maxim Integrated Produc...
MAX38913AANC+ MAXIM-MAX38913AANC+ Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
More results

Similar Description - MAX38913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38643AEVK MAXIM-MAX38643AEVK Datasheet
459Kb / 6P
Evaluates the MAX38643A in a 6-pin WLP
Rev 1; 7/19
MAX38642A MAXIM-MAX38642A Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38642AEVK MAXIM-MAX38642AEVK Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904DEVK MAXIM-MAX38904DEVK Datasheet
389Kb / 6P
Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX38904CEVK MAXIM-MAX38904CEVK Datasheet
441Kb / 6P
Evaluates the MAX38904C IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
Evaluates: MAX77839 in WLP Package
2021
MAX38640AEVKWLP MAXIM-MAX38640AEVKWLP Datasheet
442Kb / 6P
Evaluates: MAX38640 A in WLP
2019
MAX17227JEVK MAXIM-MAX17227JEVK Datasheet
1Mb / 6P
Evaluates the MAX17227J in a 6-pin WLP
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com