Electronic Components Datasheet Search
  English  ▼

X  

MAX38913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38913
Description  Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38913 Datasheet HTML 1Page - Maxim Integrated Products MAX38913 Datasheet HTML 2Page - Maxim Integrated Products MAX38913 Datasheet HTML 3Page - Maxim Integrated Products MAX38913 Datasheet HTML 4Page - Maxim Integrated Products MAX38913 Datasheet HTML 5Page - Maxim Integrated Products MAX38913 Datasheet HTML 6Page - Maxim Integrated Products MAX38913 Datasheet HTML 7Page - Maxim Integrated Products MAX38913 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAX38913A WLP
Evaluation Kit
Evaluates: MAX38913
www.maximintegrated.com
Maxim Integrated | 4
Ordering Information
PART
TYPE
MAX38913AEVK#WLP
EV Kit
#Denotes RoHS compliance.
MAX38913A WLP EV Kit Bill of Materials
ITEM
REF_DES
QTY
MFG PART #
MANUFACTURER
DESCRIPTION
1
C1
1
C1005X7R1H473K;
CGA2B3X7R1H473K050BB;
GCM155R71H473KE02
TDK; TDK; MURATA
CAP; SMT (0402); 0.047UF; 10%; 50V; X7R;
CERAMIC
2
C2
1
GCM31CR71A226KE02
MURATA
CAP; SMT (1206); 22UF; 10%; 10V; X7R;
CERAMIC
3
C3
1
GRM31CR60J107KE39
MURATA
CAP; SMT (1206); 100UF; 10%; 6.3V; X5R;
CERAMIC*
4
EN1, EN2
2
PEC03SAAN
SULLINS
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 3PINS
5
GND, IN,
OUT
3
108-0740-001
EMERSON
NETWORK POWER
CONNECTOR; MALE; PANELMOUNT;
BANANA JACK; STRAIGHT; 1PIN
6
GND_1,
GND_2
2
5006
KEYSTONE
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.35IN; BOARD HOLE=0.063IN;
BLACK; PHOSPHOR BRONZE WIRE
SILVER PLATE FINISH;
7
R1
1
CRCW060347K5FK;
ERJ-3EKF4752
VISHAY DALE;
PANASONIC
RES; SMT (0603); 47.5K; 1%; +/-
100PPM/DEGC; 0.1000W
8
RSEL1,
RSEL2
2
PEC02SAAN
SULLINS
ELECTRONICS
CORP.
EVKIT PART-CONNECTOR; MALE;
THROUGH HOLE; BREAKAWAY;
STRAIGHT; 2PINS;
9
SU1-SU4
4
S1100-B; SX1100-B;
STC02SYAN
KYCON; KYCON;
SULLINS
ELECTRONICS
CORP.
TEST POINT; JUMPER; STR; TOTAL
LENGTH=0.24IN; BLACK;
INSULATION=PBT; PHOSPHOR BRONZE
CONTACT=GOLD PLATED
10
TP_EN1,
TP_EN2,
TP_RSEL1,
TP_RSEL2
4
5007
KEYSTONE
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.35IN; BOARD HOLE=0.063IN;
WHITE; PHOSPHOR BRONZE WIRE
SILVER PLATE FINISH;
11
U1
1
MAX38913AANC+
MAXIM
EVKIT PART - IC; MAX38913AANC+; 1A
LOW NOISE LDO WITH DUAL VOLTAGE
AND BYPASS; PACKAGE OUTLINE
DRAWING: 21-100500; PACKAGE CODE:
N121E1+1
12
PCB
1
MAX38913AWLP
MAXIM
PCB:MAX38913AWLP
13
R2
0
N/A
N/A
RESISTOR; 0603; OPEN; FORMFACTOR
Total
23
*This capacitor was chosen to match a specific customer application. For applications in an extended temperature range,
an X7R capacitor is required.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com