Electronic Components Datasheet Search
  English  ▼

X  

MAX17113 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17113
Description  Low-Cost, Multiple-Output Power Supply for LCD TVs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17113 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17113 Datasheet HTML 1Page - Maxim Integrated Products MAX17113 Datasheet HTML 2Page - Maxim Integrated Products MAX17113 Datasheet HTML 3Page - Maxim Integrated Products MAX17113 Datasheet HTML 4Page - Maxim Integrated Products MAX17113 Datasheet HTML 5Page - Maxim Integrated Products MAX17113 Datasheet HTML 6Page - Maxim Integrated Products MAX17113 Datasheet HTML 7Page - Maxim Integrated Products MAX17113 Datasheet HTML 8Page - Maxim Integrated Products MAX17113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX17113 multiple-output power-supply controller
generates all the supply rails for thin-film transistor
(TFT) liquid-crystal display (LCD) panels in TVs and
monitors operating from a regulated 12V input. It
includes a step-down and a step-up regulator, a posi-
tive and a negative charge pump, a Dual Mode™ logic-
controlled high-voltage switch control block, and an
adjustable-timing power-good output. The MAX17113
can operate from 8V to 16.5V input voltages and is opti-
mized for LCD TV panel and LCD monitor applications
running directly from 12V supplies.
The step-up and step-down regulators feature internal
power MOSFETs and high-frequency operation allow-
ing the use of small inductors and capacitors, resulting
in a compact solution. Both switching regulators use
fixed-frequency current-mode control architectures,
providing fast load-transient response and easy com-
pensation. A current-limit function for internal switches
and output-fault shutdown protect the step-up and
step-down power supplies against fault conditions. The
MAX17113 provides soft-start functions to limit inrush
current during startup. The MAX17113 provides
adjustable power-up timing.
The positive and negative charge-pump regulators pro-
vide TFT gate-driver supply voltages. Both output volt-
ages can be adjusted with external resistive voltage-
dividers. The switch control block allows the manipula-
tion of the positive TFT gate-driver voltage.
A series p-channel MOSFET is integrated to sequence
power to AVDD after the MAX17113 has proceeded
through normal startup, and provides True Shutdown™.
The MAX17113 is available in a small (5mm x 5mm),
low-profile (0.8mm), 40-pin thin QFN package and
operates over a -40°C to +85°C temperature range.
Applications
LCD TV Panels
LCD Monitor Panels
Features
o Optimized for 10.8V to 13.2V Input Supply
o 8V to 16.5V Input Supply Range
o Selectable Frequency (450kHz/600kHz)
o Current-Mode Step-Up Regulator
Built-In 24V, 3.3A, 80m
Ω n-Channel MOSFET
High-Accuracy Output Voltage (1%)
True Shutdown
Fast Load-Transient Response
High Efficiency
10ms Internal Soft-Start
o Current-Mode Step-Down Regulator
Built-In 24V, 3A, 100m
Ω n-Channel MOSFET
Fast Load-Transient Response
Adjustable Output Voltage Down to 1.5V
Skip Mode at Light Load (EN2 = AGND)
High Efficiency
3ms Internal Soft-Start
o Adjustable Positive and Negative Charge-Pump
Regulators
o Soft-Start and Timer-Delay Fault Latch for All
Outputs
o Logic-Controlled High-Voltage Integrated
Switches with Adjustable Delay
o 120mΩ p-Channel FET for AVDD Sequencing
o Input Undervoltage Lockout and Thermal-
Overload Protection
o 40-Pin, 5mm x 5mm Thin QFN Package
Low-Cost, Multiple-Output
Power Supply for LCD TVs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-4709; Rev 0; 8/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX17113ETL+
-40°C to +85°C
40 Thin QFN-EP*
Dual Mode is a trademark of Maxim Integrated Products, Inc.
True Shutdown is a trademark of Maxim Integrated Products, Inc.
Simplified Operating Circuit appears at end of data sheet.
MAX17113
THIN QFN
5mm x 5mm
TOP VIEW
35
36
34
33
12
11
13
14
12
SWI
45
6
7
27
28
29
30
26
24 23
22
SWO
FB1
BST
FB2
DEL1
REF
3
25
37
COMP
FBN
38
39
40
PGOOD
CRST
AGND
AGND
DRVN
CTL
LX1
32
15
LX2
LX1
31
16
17
18
19
20 LX2
89
10
21
PGND
Pin Configuration


Similar Part No. - MAX17113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17113EVKIT MAXIM-MAX17113EVKIT Datasheet
1,021Kb / 7P
10.8V to 13.2V Supply Voltage
Rev 0; 12/09
MAX17113EVKIT+ MAXIM-MAX17113EVKIT+ Datasheet
1,021Kb / 7P
10.8V to 13.2V Supply Voltage
Rev 0; 12/09
More results

Similar Description - MAX17113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
Multiple Output Switching Power Supply
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com