Electronic Components Datasheet Search
  English  ▼

X  

MAX17113 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17113
Description  Low-Cost, Multiple-Output Power Supply for LCD TVs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17113 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17113 Datasheet HTML 1Page - Maxim Integrated Products MAX17113 Datasheet HTML 2Page - Maxim Integrated Products MAX17113 Datasheet HTML 3Page - Maxim Integrated Products MAX17113 Datasheet HTML 4Page - Maxim Integrated Products MAX17113 Datasheet HTML 5Page - Maxim Integrated Products MAX17113 Datasheet HTML 6Page - Maxim Integrated Products MAX17113 Datasheet HTML 7Page - Maxim Integrated Products MAX17113 Datasheet HTML 8Page - Maxim Integrated Products MAX17113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Low-Cost, Multiple-Output
Power Supply for LCD TVs
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
REF Output Voltage
No external load
1.235
1.250
1.265
V
REF Load Regulation
0 < ILOAD < 50μA
10
mV
REF Sink Current
In regulation
10
μA
REF Undervoltage-Lockout Threshold
Rising edge; 25mV typical hysteresis
1.0
1.2
V
STEP-DOWN REGULATOR
0°C < TA < +85°C
3.25
3.30
3.35
OUT Voltage in Fixed Mode
FB2 = AGND, no load
(Note 1)
TA = +25°C
3.267
3.333
V
0°C < TA < +85°C
1.23
1.25
1.27
FB2 Voltage in Adjustable Mode
VOUT = 2.5V, no load
(Note 1)
TA = +25°C
1.2375
1.2625
V
FB2 Adjustable-Mode
Threshold Voltage
Dual-mode comparator
0.10
0.15
0.20
V
Output-Voltage Adjust Range
Step-down output
1.5
5.0
V
FB2 Fault Trip Level
Falling edge
0.94
1.00
1.06
V
FB2 Input Bias Current
VFB2 = 1.5V, TA = +25°C
50
125
200
nA
DC Load Regulation
0.4A < ILOAD < 2A
0.5
%
DC Line Regulation
No load, 10.8V < VIN2 < 13.2V
0.05
%/V
LX2-to-IN2 nMOS Switch
On-Resistance
100
200
m
Ω
LX2-to-CPGND nMOS Switch
On-Resistance
712
25
Ω
BST-to-VL pMOS Switch
On-Resistance
712
25
Ω
Low-Frequency Operation
OUT Threshold
Step-down only
0.8
V
FSEL = VIN
100
Low-Frequency Operation
Switching Frequency
FSEL = AGND
75
kHz
LX2 Positive Current Limit
2.50
3
3.50
A
Soft-Start Period
3.3
ms
Soft-Start Step Size
VREF/
128
V
Maximum Duty Factor
65
75
90
%
POWER-GOOD
FB2 Power-Good Threshold
FB2 rising
0.94
1.00
1.06
V
FB2 Threshold Hysteresis
12
mV
PGOOD Output Low Voltage
IPGOOD = 1mA
0.1
0.3
V
PGOOD Leakage Current
VPGOOD = 3V, TA = +25°C
1
μA
CRST Charge Current
VCRST = 1V
0.8
1.0
1.2
μA
CRST Voltage Threshold
1.2
1.25
1.3
V
CRST Pulldown Resistance
VCRST = 1V
150
300
Ω
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VVIN = VIN2 = 12V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com