Electronic Components Datasheet Search
  English  ▼

X  

MAX17019 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17019
Description  High-Input-Voltage Quad-Output Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17019 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17019 Datasheet HTML 1Page - Maxim Integrated Products MAX17019 Datasheet HTML 2Page - Maxim Integrated Products MAX17019 Datasheet HTML 3Page - Maxim Integrated Products MAX17019 Datasheet HTML 4Page - Maxim Integrated Products MAX17019 Datasheet HTML 5Page - Maxim Integrated Products MAX17019 Datasheet HTML 6Page - Maxim Integrated Products MAX17019 Datasheet HTML 7Page - Maxim Integrated Products MAX17019 Datasheet HTML 8Page - Maxim Integrated Products MAX17019 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(Standard Application Circuit, VINLDO = 12V, VINA = VINBC = VDD = VCC = VBYP = VCSPA = VCSNA = 5V, VIND = 1.8V, VSHDN = VONA
= VONB = VONC = VOND = 5V, IREF = ILDO5 = IOUTD = no load, FREQ = GND, UP/DN = VCC, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REGULATOR A (Main Step-Down)
Output Voltage-Adjust Range
Step-down configuration (UP/DN = VCC)
1.0
VCC +
0.3
V
FBA Regulation Voltage
VFBA
Step-down configuration (UP/DN = VCC),
VCSPA - VCSNA = 0 to 20mV, 90% duty cycle
0.968
0.97
1.003
V
FBA Regulation Voltage
(Overload)
VFBA
Step-down configuration (UP/DN = VCC),
VCSPA - VCSNA = 0 to 20mV, 90% duty cycle
0.930
1.003
V
FBA Load Regulation
∆VFBA
Step-down configuration (UP/DN = VCC),
VCSPA - VCSNA = 0 to 20mV
16
mV
FBA Line Regulation
UP
/DN = VCC,
0 to 100% duty cycle
Step-down
(UP/DN = VCC)
10
16
22
mV
FBA Input Current
IFBA
UP
/DN = GND or VCC, TA = +25°C
-100
-5
+100
nA
Current-Sense Input Common-
Mode Range
VCSA
0
VCC +
0.3V
V
Current-Sense Input Bias Current
ICSA
TA = +25°C
40
60
µA
Idle Mode™ Threshold
VIDLEA
4
mV
Current-Limit Threshold (Positive)
VILIMA
18
20
22
mV
Zero-Crossing Threshold
VIZX
1
mV
DHA Gate Driver On-Resistance
RDH
DHA forced high and low
2.5
5
Ω
DLA Gate Driver On-Resistance
RDL
DLA forced high
2.5
5
Ω
DLA forced low
1.5
3
DHA Gate Driver Source/Sink
Current
IDH
DHA forced to 2.5V
0.7
A
DLA Gate Driver Source/Sink
Current
IDL(SRC)
DLA forced to 2.5V
0.7
A
IDL(SNK)
DLA forced to 2.5V
1.5
REGULATOR B (Internal 3A Step-Down Converter)
FBB Regulation Voltage
ILXB = 0% duty cycle (Note 2)
0.747
0.755
0.762
V
FBB Regulation Voltage (Overload)
VFBB
ILXB = 0 to 2.5A, 0% duty cycle (Note 2)
0.720
0.762
V
FBB Load Regulation
∆VFBB/∆ILXB ILXB = 0 to 2.5A
-5
mV/A
FBB Line Regulation
0 to 100% duty cycle
7
8
10
mV
FBB Input Current
IFBB
TA = +25°C
-100
-5
+100
nA
Internal MOSFET On-Resistance
High-side n-channel
75
150
mΩ
Low-side n-channel
40
80
LXB Peak Current Limit
IPKB
3.0
3.45
4.0
A
LXB Idle-Mode Trip Level
IIDLEB
0.8
A
LXB Zero-Crossing Trip Level
IZXB
100
mA
MAX17019
High-Input-Voltage Quad-Output Controller
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (TA = 0°C to +85°C) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com