Electronic Components Datasheet Search
  English  ▼

X  

MAX14529 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14529
Description  Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14529 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14529 Datasheet HTML 1Page - Maxim Integrated Products MAX14529 Datasheet HTML 2Page - Maxim Integrated Products MAX14529 Datasheet HTML 3Page - Maxim Integrated Products MAX14529 Datasheet HTML 4Page - Maxim Integrated Products MAX14529 Datasheet HTML 5Page - Maxim Integrated Products MAX14529 Datasheet HTML 6Page - Maxim Integrated Products MAX14529 Datasheet HTML 7Page - Maxim Integrated Products MAX14529 Datasheet HTML 8Page - Maxim Integrated Products MAX14529 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX14529E/MAX14530E are overvoltage-protec-
tion devices with USB charger detection, a low-dropout
(LDO) regulator, and ESD protection. These devices
feature a low 35m
Ω (typ) RON internal FET switch and
protect low-voltage systems against voltage faults up to
28V. When the input voltage exceeds the overvoltage
threshold, the internal FET switch is turned off to pre-
vent damage to the protected components.
The charger detection detects a short between the USB
D+ and D- data lines. If the data lines are shorted
together and a dedicated charger is attached, the
phone draws more than 500mA to charge the battery.
The overvoltage thresholds (OVLO) are preset to 5.75V
(MAX14529E) or 6.8V (MAX14530E).
The LDO output (LOUT) is powered from OUT and sup-
plies 3.3V to the USB transceiver. The LDO features a
100mA (min) current capability and low output noise.
The MAX14529E/MAX14530E feature ±15kV HBM ESD
protection with low (3pF) capacitance suitable for
Hi-Speed USB 2.0.
Both devices are offered in a small 12-bump, 1.5mm x
2mm WLP package and operate over the -40°C to
+85°C extended temperature range.
Applications
Cell Phones
MP3 Players
PDAs and Palmtop Devices
Features
♦ Input Voltage Protection Up to 28V
♦ High-Current USB Charger Detection
♦ 3.3V, 100mA LDO
♦ Preset Overvoltage Protection Trip Level
5.75V (MAX14529E)
6.8V (MAX14530E)
♦ Integrated Low RON 35mΩ (typ) FET Switch
♦ Low-Capacitance USB High-Speed Data Line ESD
Protection (3pF)
±15kV Human Body Model (HBM)
±15kV IEC 61000-4-2 Air Gap
±8kV IEC 61000-4-2 Contact
♦ Thermal-Shutdown Protection
♦ 12-Bump, 1.5mm x 2mm WLP Package
♦ -40°C to +85°C Operating Temperature Range
Overvoltage Protection with USB Charger
Detection, LDO, and ESD Protection on D+/D-
________________________________________________________________
Maxim Integrated Products
1
MAX14529E/MAX14530E
IN
VOK
D-
IN
23
4
1
A
LEN
CDET
GND
OEN
B
OUT
LOUT
TOP VIEW
(BUMPS ON BOTTOM)
D+
OUT
C
WLP
1.5mm x 2mm
+
Pin Configuration
MAX14529E/
MAX14530E
IN
OUT
LOUT
LEN
OEN
CDET
VOK
IN
D+
D-
OUT
USB
CONNECTOR
MICRO-
PROCESSOR
USB 2.0
TRANSCEIVER
CHARGER
PHONE
LOAD
VBUS
D+
D-
0.1
μF
GND
1
μF
VCC
D+
D-
10k
Ω
10k
Ω
VIO
VIO
1.5k
Ω
VPU
Typical Operating Circuit
19-4459; Rev 0; 2/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Note: Both devices are specified over the -40°C to +85°C oper-
ating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
PART
PIN-
PACKAGE
TOP MARK
OVLO (V)
MAX14529EEWC+T
12 WLP
AAP
5.75
MAX14530EEWC+T
12 WLP
AAQ
6.8
Ordering Information/
Selector Guide


Similar Part No. - MAX14529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14529EEWC+T MAXIM-MAX14529EEWC+T Datasheet
197Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
More results

Similar Description - MAX14529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24382 TI-BQ24382 Datasheet
804Kb / 18P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com