Electronic Components Datasheet Search
  English  ▼

X  

MAX14529 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14529
Description  Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14529 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14529 Datasheet HTML 1Page - Maxim Integrated Products MAX14529 Datasheet HTML 2Page - Maxim Integrated Products MAX14529 Datasheet HTML 3Page - Maxim Integrated Products MAX14529 Datasheet HTML 4Page - Maxim Integrated Products MAX14529 Datasheet HTML 5Page - Maxim Integrated Products MAX14529 Datasheet HTML 6Page - Maxim Integrated Products MAX14529 Datasheet HTML 7Page - Maxim Integrated Products MAX14529 Datasheet HTML 8Page - Maxim Integrated Products MAX14529 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Overvoltage Protection with USB Charger
Detection, LDO, and ESD Protection on D+/D-
4
_______________________________________________________________________________________
NORMALIZED LDO OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
40
20
80
60
0.990
0.985
0.995
1.000
1.005
1.010
0.980
0
100
30
10
70
50
90
LDO OUTPUT DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
60
90
50
10
40
300
200
500
600
800
100
400
700
900
1000
0
0100
70
30
20
80
TA = +85
°C
TA = -40
°C
TA = +25
°C
LDO OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
67
4
25
13
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
0
08
MAX14529E
ILOAD = 0
NORMALIZED DEBOUNCE TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
60
35
0.98
0.94
1.00
1.04
0.96
0.92
1.02
1.06
1.08
1.10
0.90
-40
85
POWER-UP RESPONSE
MAX14529E/30E toc08
5ms/div
VIN
5V/div
VOUT
5V/div
VVOK
5V/div
VOEN
1V/div
OVERVOLTAGE FAULT RESPONSE
MAX14529E/30E toc09
1
μs/div
VIN
2V/div
VOUT
2V/div
VVOK
5V/div
CDET RESPONSE
MAX14529E/30E toc10
100
μs/div
VD+
2V/div
VD-
2V/div
VCDET
2V/div
D+/D- INPUT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
60
35
0.04
0.02
0.05
0.07
0.03
0.01
0.06
0.08
0.09
0.10
0
-40
85
INPUT CAPACITANCE
vs. D+/D- INPUT VOLTAGE
D+/D- INPUT VOLTAGE (V)
2.0
1.0
4.0
3.0
3
2
1
4
5
6
0
0
5.5
1.5
0.5
3.5
2.5
4.5
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com