Electronic Components Datasheet Search
  English  ▼

X  

AN6541 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN6541
Description  3-pin Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6541 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN6541 Datasheet HTML 1Page - Panasonic Semiconductor AN6541 Datasheet HTML 2Page - Panasonic Semiconductor AN6541 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Block Diagram
9.3
9.2
9.1
9.0
8.9
8.8
8.7
8.6
8.5
–40
–20
0
20
40
60
80
Ambient Temperature Ta (˚C)
VO –Ta
Output Current IO (mA)
VO – IO
10
9
8
7
6
5
4
3
2
1
0
0
100
200
300
400
500
600
VI=13.2V
IO=100mA
VI=13.2V
VO
VI
1
µF
AN6541
–
+
47
µF
–
+
12
3
Note) Choose the oscillation control capacitor 47
µF which has a small capacitance reduction
even at a low temperature. For example, use a tantalum capacitor.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com