Electronic Components Datasheet Search
  English  ▼

X  

AN6541 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6541
Description  3-pin Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6541 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6541 Datasheet HTML 1Page - Panasonic Semiconductor AN6541 Datasheet HTML 2Page - Panasonic Semiconductor AN6541 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The AN6541 is a 3-pin 9V voltage regulator which per-
forms stable operations up to the minimum input/output
voltage difference 0.3V (typ.). Stabilized fixed output volt-
age is obtained from unstable DC input voltage.
The AN6541 can be used in power circuits with current
capacitance up to 300mA.
s Features
• Low drop-out voltage:0.3V (typ.)
• Internal short-circuit current protection
• Low temperature coefficient of output voltage
AN6541
3-pin Positive Voltage Regulator
s Block Diagram
Unit:mm
10.4
±0.5
1.4
±0.1
1.4
±0.25
ø3.7
10.5
±0.5
2.54
0.45
1:Input
2:Common
3:Output
JEDEC:TO –220AB (HSIP003-P-0000)
2.5
±0.25
+0.1
– 0.05
123
4.5
±0.3
0.8
±0.2
Pass Tr
R2
R1
Q1
Error
Amp.
Current
Source
Voltage
Reference
Current
Limiter
–
+
1
Input
3
Output
2
Common


Similar Part No. - AN6541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN654 MAXIM-AN654 Datasheet
249Kb / 8P
New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
Mar 31, 2000
logo
Panasonic Semiconductor
AN6540 PANASONIC-AN6540 Datasheet
27Kb / 3P
4-pin Voltage Regulator with Adjustable Rise Time
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
AN6545SP PANASONIC-AN6545SP Datasheet
27Kb / 3P
Low Power Loss Voltage Regulators
More results

Similar Description - AN6541

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
3-pin Positive Output Voltage Regulator 300mA Type
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
3-pin positive output voltage regulator (1 A type)
AN7805F PANASONIC-AN7805F Datasheet
507Kb / 10P
3-pin positive output voltage regulator (1 A type)
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
3-pin positive output voltage regulator (1 A type)
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
3-pin positive output voltage regulator (100 mA type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com