Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 35Page - Texas Instruments ADC3563 Datasheet HTML 36Page - Texas Instruments ADC3563 Datasheet HTML 37Page - Texas Instruments ADC3563 Datasheet HTML 38Page - Texas Instruments ADC3563 Datasheet HTML 39Page - Texas Instruments ADC3563 Datasheet HTML 40Page - Texas Instruments ADC3563 Datasheet HTML 41Page - Texas Instruments ADC3563 Datasheet HTML 42Page - Texas Instruments ADC3563 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
8.3.5.2.1 Configuration Example
The following is a step by step programming example to configure the ADC356x to complex decimation by 8 with
1-wire SLVDS and 16-bit output.
1. 0x07 (address) 0x6C (load bit mapper configuration for 16-bit output with 1-wire SLVDS)
2. 0x13 0x01, wait 1 ms, 0x13 0x00 (load e-fuse)
3. 0x19 0x80 (configure FCLK)
4. 0x1B 0x88 (select 16-bit output resolution)
5. 0x20 0xFF, 0x21 0xFF, 0x22 0x0F (configure FCLK pattern)
6. 0x24 0x06 (enable decimation filter)
7. 0x25 0x30 (configure complex decimation by 8)
8. 0x2A/B/C/D and 0x31/32/33/34 (program NCO frequency)
9. 0x27/0x2E 0x08 (configure Q-delay register bit)
10. 0x26 0xAA, 0x26 0x88 (set digital mixer gain to 6-dB and toggle the mixer update)
8.3.5.3 Output Data Format
The output data can be configured to two's complement (default) or offset binary formatting using SPI register
writes (register 0x8F and 0x92). Table 8-8 provides an overview for minimum and maximum output codes for the
two formatting options. The actual output resolution is set by the output bit mapper.
Table 8-8. Overview of minimum and maximum output codes vs output resolution for different formatting
Two's Complement (default)
Offset Binary
RESOLUTION (BIT)
14
16
18
20
14
16
18
20
VIN,MAX
0x1FFF
0x7FFF
0x1FFFF
0x7FFFF
0x3FFF
0xFFFF
0x3FFFF
0xFFFFF
0
0x0000
0x00000
0x2000
0x8000
0x20000
0x80000
VIN,MIN
0x2000
0x8000
0x20000
0x80000
0x0000
0x00000
8.3.6 Test Pattern
In order to enable in-circuit testing of the digital interface, the following test patterns are supported and enabled
via SPI register writes (0x14/0x15/0x16). In decimation mode (real and complex), the test patterns replace the
output data of the DDC - however channel A controls the test patterns for both channels.
• RAMP Pattern: The step size needs to be configured in the CUSTOM PAT register according to the native
resolution of the ADC. When selecting a higher output resolution then the additional LSBs will still be 0 in
RAMP pattern mode.
– 00001: 18-bit output resolution
– 00100: 16-bit output resolution
– 10000: 14-bit output resolution
• Custom Pattern: Configured in the CUSTOM PAT register
www.ti.com
ADC3563
SBAS990 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com