Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 17Page - Texas Instruments ADC3563 Datasheet HTML 18Page - Texas Instruments ADC3563 Datasheet HTML 19Page - Texas Instruments ADC3563 Datasheet HTML 20Page - Texas Instruments ADC3563 Datasheet HTML 21Page - Texas Instruments ADC3563 Datasheet HTML 22Page - Texas Instruments ADC3563 Datasheet HTML 23Page - Texas Instruments ADC3563 Datasheet HTML 24Page - Texas Instruments ADC3563 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
8 Detailed Description
8.1 Overview
The ADC356x is a low noise, ultra-low power 16-bit high-speed dual channel ADC supporting sampling rates
up to 65 Msps. It offers very good DC precision together with IF sampling support which makes it ideally suited
for a wide range of applications. The ADC356x is equipped with an on-chip internal reference option but it also
supports the use of an external, high precision 1.6 V voltage reference or an external 1.2V reference which is
buffered and gained up internally. Because of the inherent low latency architecture, the digital output result is
available after only one to two clock cycles. Single ended as well as differential input signaling is supported.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. An internal mux enables dual band complex decimation with independent NCO frequency
tuning. The digital filter provides a 32-bit programmable NCO and supports both real or complex decimation.
The ADC356x family uses a serial LVDS (SLVDS) interface to output the data which minimizes the number
of digital interconnects. The device supports a two-lane (2-wire), a one-lane (1-wire) and a half-lane (1/2-wire)
option. The ADC356x includes a digital output formatter which supports output resolutions from 14 to 20-bit.
The device features and control options can be set up either through pin configurations or via SPI register writes.
8.2 Functional Block Diagram
N
NCO
Control
AIN
CLK
VREF
ADC
16bit
1.2V REF
REFBUF
N
Digital Downconverter
NCO
0.95V
VCM
Dig I/F
SLVDS
Crosspoint
Switch
DCLKIN
DCLK
FCLK
DA0/1
DB0/1
www.ti.com
ADC3563
SBAS990 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com