Electronic Components Datasheet Search
  English  ▼

X  

ADC3641 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3641
Description  ADC364x 14-bit, 10-MSPS to 65-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3641 Datasheet(HTML) 50 Page - Texas Instruments

Back Button ADC3641 Datasheet HTML 46Page - Texas Instruments ADC3641 Datasheet HTML 47Page - Texas Instruments ADC3641 Datasheet HTML 48Page - Texas Instruments ADC3641 Datasheet HTML 49Page - Texas Instruments ADC3641 Datasheet HTML 50Page - Texas Instruments ADC3641 Datasheet HTML 51Page - Texas Instruments ADC3641 Datasheet HTML 52Page - Texas Instruments ADC3641 Datasheet HTML 53Page - Texas Instruments ADC3641 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Figure 8-48. Register 0x0E
7
6
5
4
3
2
1
0
SYNC PIN EN
SPI SYNC
SPI SYNC EN
0
REF CTL
REF SEL
SE CLK EN
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-19. Register 0x0E Field Descriptions
Bit
Field
Type
Reset
Description
7
SYNC PIN EN
R/W
0
This bit controls the functionality of the SYNC/PDN pin.
0: SYNC/PDN pin exercises global power down mode when pin
is pulled high.
1: SYNC/PDN pin issues the SYNC command when pin is
pulled high.
6
SPI SYNC
R/W
0
Toggling this bit issues the SYNC command using the SPI
register write. SYNC using SPI must be enabled as well (D5).
This bit doesn't self reset to 0.
0: Normal operation
1: SYNC command issued.
5
SPI SYNC EN
R/W
0
This bit enables synchronization using SPI instead of the
SYNC/PDN pin.
0: Synchronization using SPI register bit disabled.
1: Synchronization using SPI register bit enabled.
4
0
R/W
0
Must write 0
3
REF CTL
R/W
0
This bit determines if the REFBUF pin controls the voltage
reference selection or the SPI register (D2-D1).
0: The REFBUF pin selects the voltage reference option.
1: Voltage reference is selected using SPI (D2-D1) and single
ended clock using D0.
2-1
REF SEL
R/W
00
Selects of the voltage reference option. REF CTRL (D3) must be
set to 1.
00: Internal reference
01: External voltage reference (1.2V) using internal reference
buffer (REFBUF)
10: External voltage reference
11: not used
0
SE CLK EN
R/W
0
Selects single ended clock input and powers down the
differential sampling clock input buffer. REF CRTL (D3) must be
set to 1.
0: Differential clock input
1: Single ended clock input
ADC3643
SBAS886 – OCTOBER 2020
www.ti.com
50
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com