Electronic Components Datasheet Search
  English  ▼

X  

MAX77976 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77976
Description  High-Efficiency Single-Cell Switching Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77976 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77976 Datasheet HTML 1Page - Maxim Integrated Products MAX77976 Datasheet HTML 2Page - Maxim Integrated Products MAX77976 Datasheet HTML 3Page - Maxim Integrated Products MAX77976 Datasheet HTML 4Page - Maxim Integrated Products MAX77976 Datasheet HTML 5Page - Maxim Integrated Products MAX77976 Datasheet HTML 6Page - Maxim Integrated Products MAX77976 Datasheet HTML 7Page - Maxim Integrated Products MAX77976 Datasheet HTML 8Page - Maxim Integrated Products MAX77976 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Evaluates: MAX77975/MAX77976/
MAX77958
MAX77975/MAX77976
Evaluation Kits
General Description
The MAX77975/MAX77976 evaluation kit (EV kit) is a
fully assembled and tested printed circuit board (PCB)
that demonstrates the MAX77975/MAX77976 single-cell
lithium-ion battery charger.
The MAX77975/MAX77976 is for 1S Li+ battery appli-
cations and can operate with a 3.8V to 19V input volt-
age with a maximum charging current of 3.5/5.5A. The
MAX77975/MAX77976 offers a reverse boost as well as
fully integrated low power loss switches to provide small
solution size and high efficiency. The EV kit demonstrates
the performance of the MAX77975/MAX77976 charger
and provides the convenience of evaluating full USB
Type-C® PD solutions with the MAX77958 USB Type-C
PD controller. This combination allows fast charging of the
battery through the USB Type-C port as well as reverse
powering the USB Type-C port with battery OTG mode.
A Micro-B USB cable is included in the package to serve
as the interface from a USB port on a Windows PC to
the slave I2C port on MAX77975/MAX77976. Windows®-
based graphical user interface (GUI) software provides
a user-friendly interface to exercise the features of the
MAX77975/MAX77976.
Benefits and Features
● High-Efficiency Single-Cell Switching Charger
• Up to 5.5A Charging with MAX77976
• 91.2% Buck Efficiency at 4A, 12V Input
● +28V Absolute Maximum Input Voltage Rating
● 3.8V to 19V Input Operating Voltage Range
● Reverse Boost with Programmable Output Voltage
Options Up to 12V
● Charge Status Output for LED
● Push-Button Input for Exiting from Ship Mode
● External Discharge FET Enable Output
● Dedicated Input for Suspend Mode (SUSPND)
● USB Type-C Standalone Controller Support
Customizable Firmware
● USB Type-C Version 1.3 and PD 3.0 Compliant
● Sink/Source/DRP Port Support
● PPS Sink Support
● Fast Role Swap Initial Sink Support
● Integrated VCONN Switch with OCP
● Support Try.Sink
● Support BC1.2 Legacy Charger Detection
319-100597; Rev 1; 11/20
Ordering Information appears at end of data sheet.
USB Type-C® is a registered trademark of USB Implementers Forum.
Windows is a registered trademark and registered service mark of Microsoft Corporation.
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX77976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77976EFD+ MAXIM-MAX77976EFD+ Datasheet
709Kb / 76P
19VIN, 3.5/5.5A 1-Cell Li Battery Charger with Smart Power Selector and OTG for USBC PD
2021
MAX77976EFD+T MAXIM-MAX77976EFD+T Datasheet
709Kb / 76P
19VIN, 3.5/5.5A 1-Cell Li Battery Charger with Smart Power Selector and OTG for USBC PD
2021
More results

Similar Description - MAX77976

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Linear Technology
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Richtek Technology Corp...
RT9535B RICHTEK-RT9535B Datasheet
1Mb / 18P
High Efficiency Switching Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com