Electronic Components Datasheet Search
  English  ▼

X  

MAX77976 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77976
Description  High-Efficiency Single-Cell Switching Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77976 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77976 Datasheet HTML 1Page - Maxim Integrated Products MAX77976 Datasheet HTML 2Page - Maxim Integrated Products MAX77976 Datasheet HTML 3Page - Maxim Integrated Products MAX77976 Datasheet HTML 4Page - Maxim Integrated Products MAX77976 Datasheet HTML 5Page - Maxim Integrated Products MAX77976 Datasheet HTML 6Page - Maxim Integrated Products MAX77976 Datasheet HTML 7Page - Maxim Integrated Products MAX77976 Datasheet HTML 8Page - Maxim Integrated Products MAX77976 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77975/MAX77976/
MAX77958
MAX77975/MAX77976
Evaluation Kits
Table 1. Jumper Connection and Switch Setting Guide (continued)
JUMPER
DEFAULT
CONNECTION
FEATURE
J5
1-2 (ROOM): Closed
3-4 (NTC): Open
5-6 (POT): Open
7-8 (ENTH): Closed
All Open: Disable thermistor.
Only 7-8 Closed: Enable thermistor function, connect pin 1 to the thermistor from the
battery pack to measure temperature directly at the battery.
1-2, 7-8 Closed: Enable thermistor function, a fixed 10kΩ pullup and pulldown
simulate a constant room temperature.
3-4, 7-8 Closed: Enable thermistor with temperature measurement from an NTC resistor
installed on EV kit.
5-6, 7-8 Closed: Enable thermistor with temperature measurement simulated with a
potentiometer R43.
Any other configuration: Do not configure.
J18
Open
Open: Disable external BATT to SYS FET circuit.
Close: Connect 100kΩ pullup for the external BATT to SYS FET circuit.
Need to connect J23 and J29.
J29
Open
Open: Disable external BATT to SYS FET circuit.
Close: Connect QBEXT pin to control external BATT to SYS FET circuit.
Need to connect J23 and J18.
J37
Open
Open: Default operation.
Closed: Force disconnect QBATT.
J13
Open
Open: Default operation.
Closed: Force SUSPEND = 1 to the charger.
J17
Open
Open: STAT pin LED indicator is disabled.
Closed: STAT pin LED indicator is enabled.
J7
2-3
Open: Do not configure.
1-2: VIO powered through EXTVIO with 1.8V external power supply.
2-3: VIO powered by USB Micro-B port connected to PC.
J9
Closed
Open: MAX77958 VCONN is not powered.
Closed: MAX77958 VCONN is powered by SYS.
J3
Closed
Open: MAX77958 is not connected to VBUS.
Closed: MAX77958 is connected to VBUS.
J16
Closed
Open: MAX77958 is not powered by SYS.
Closed: MAX77958 is powered by SYS.
J4
Open
Open: MAX77958 GPIO4 is not connected to MAX77975/MAX77976 IRQB.
Closed: MAX77958 GPIO4 is connected to MAX77975/MAX77976 IRQB.
Also, connect 1-2 on J15 for pullup.
J15
Open
Open: MAX77975/6 IRQB is not connected.
Close 1-2: MAX77975/6 connects to 100kΩ pullup to VIO
Close 3-4: IRQB LED indicator is enabled .
J30
Open
Open: MAX77958 slave address configured by J31, J32.
Closed: MAX77958 slave address is selected to be 0b0100110. Do not connect J31, J32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com