Electronic Components Datasheet Search
  English  ▼

X  

MAX77950 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX77950
Description  Wireless power transmitter with WPC/PMA compliance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77950 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX77950 Datasheet HTML 6Page - Maxim Integrated Products MAX77950 Datasheet HTML 7Page - Maxim Integrated Products MAX77950 Datasheet HTML 8Page - Maxim Integrated Products MAX77950 Datasheet HTML 9Page - Maxim Integrated Products MAX77950 Datasheet HTML 10Page - Maxim Integrated Products MAX77950 Datasheet HTML 11Page - Maxim Integrated Products MAX77950 Datasheet HTML 12Page - Maxim Integrated Products MAX77950 Datasheet HTML 13Page - Maxim Integrated Products MAX77950 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Maxim Integrated │ 10
www.maximintegrated.com
Evaluates: MAX77950
MAX77950 Evaluation Kit
MAX77950 EV Kit Bill of Materials (continued)
PART
QTY
DESCRIPTION
C154
1
SMT (0603); CERAMIC CHIP; 4.7UF; 16V; TOL=10%; MODEL=; TG=-55 DEGC TO
+85 DEGC; TC=X5R;
TDK C1608X5R1C475K080AC
D1
1
SCH; SCHOTTKY BARRIER DIODE; SMT (SOD-723); PIV=30V; IF=0.1A;
RB520G-30
D2, D7
2
TVS; SMT (SOD882); VRM=12V; IPP=7.8A;
NXP PESD12VV1BL; OPEN
D3-D6
4
SCH; SCHOTTKY BARIER DIODE; SMT; OPEN
D8-D11
4
SCH; SCHOTTKY BARIER DIODE; SMT; OPEN
D100, D101
2
LED; STANDARD; YELLOW; SMT (0603); PIV=5.0V; IF=0.02A; -55 DEGC TO +85
DEGC;
Lite-On Electronics LTST-C190YKT
DS1, D103
2
LED; STANDARD; RED; SMT (0603); PIV=5.0V; IF=0.04A; -55 DEGC TO +85 DEGC;
Lite-On Electronics LTST-C190CKT
FB100
1
INDUCTOR; SMT (0603); FERRITE-BEAD; 220; TOL=+/-25%; 1.4A; -55 DEGC TO
+125 DEGC;
Murata BLM18PG221SN1
GND1-GND4
4
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL; SOLID; WEICO WIRE; SOFT
DRAWN BUS TYPE-S; 20AWG;
Weico Wire 9020 BUSS
J1, J2
2
EVKIT PART-CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT;
3PINS; -65 DEGC TO +125 DEGC;
Sullins Electronics Corp. PEC03SAAN
J3
1
THROUGH HOLE; C-GRID III SINGLE ROW STRAIGHT PIN HEADER; STRAIGHT
THROUGH;
Molex 90120-0762
J4
1
CONNECTOR; FEMALE; SMT; MICRO USB B-TYPE REVERSE; RIGHT ANGLE;
5PINS
FCI Connect 10103592-0001LF
J5, J101
2
THROUGH HOLE; SINGLE ROW; STRAIGHT; 3PINS
Samtec TSW-103-07-L-S
PGND2, VOUT2, VRECT
3
EVK KIT PARTS; MAXIM PAD; NO WIRE TO BE SOLDERED ON THE MAXIMPAD
Q1
1
POWER MOSFET; SINGLE N-CHANNEL; NCH; SC70; PD-(1W); I-(4A); V-(30V)
ON Semiconductor MCH3474-TL-W
R1,R7
2
RESISTOR; 0402; OPEN
R2, R11, R13, R15
4
RESISTOR; 0402; 100K; 1%; 100PPM; 0.0625W; THICK FILM
Vishay Dale CRCW0402100KFK
R3, R129, R130
3
RESISTOR; 0402; 100 OHM; 1%; 100PPM; 0.063W; THICK FILM;
Vishay Dale CRCW0402100RFK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com