Electronic Components Datasheet Search
  English  ▼

X  

MAX77950 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX77950
Description  Wireless power transmitter with WPC/PMA compliance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77950 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX77950 Datasheet HTML 1Page - Maxim Integrated Products MAX77950 Datasheet HTML 2Page - Maxim Integrated Products MAX77950 Datasheet HTML 3Page - Maxim Integrated Products MAX77950 Datasheet HTML 4Page - Maxim Integrated Products MAX77950 Datasheet HTML 5Page - Maxim Integrated Products MAX77950 Datasheet HTML 6Page - Maxim Integrated Products MAX77950 Datasheet HTML 7Page - Maxim Integrated Products MAX77950 Datasheet HTML 8Page - Maxim Integrated Products MAX77950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX77950
MAX77950 Evaluation Kit
Procedures
The EV kit is fully assembled and tested. The following
steps are used to verify board operation.
Install the EV Kit GUI
The EV kit GUI allows the user to communicate with the
EV kit. The GUI connects to the EV kit through an I2C and
USB interface to monitor and control the IC by changing
the register-related functions such as FOD coefficient,
VRECT target for WPC/PMA, and LDO output voltage.
1) Visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
MAX77950_EVKIT_GUI_1.70207.0D-x86.zip. Save
the EV kit software to a temporary folder and uncom-
press the file.
2) Unzip and run the execution file and follow the in-
structions to finish the installation.
Startup
3) Ensure that the EV kit has the desired jumper set-
tings, as shown in Table 1.
4) Connect to a PC using the Micro-USB cable (see the
MAX77950 EV Kit Photo).
5) Turn on the WPC/PMA transmitter to provide power
to the EV kit.
6) Place the EV kit on the transmitter and align properly.
7) Check that the power-good indicator LED (DS1)
is on.
8) Launch the EV kit GUI. Press
Connect under the De-
vice menu to initiate the link with the EV kit as shown
in Figure 1.
PeerPower
FollowthestepsbelowtooperatetheEVkitinPeerPowerTM
mode:
9) Disconnect all power supplies from the EV kit.
10) Make a jumper connection on P2P_EN (J2) to VIO
pins (1-2) to enable PeerPower mode.
11) Set J101 to pins 1-2 if an external voltage source is
used to supply 1.8V to VIO; otherwise, set to pins 2-3
to use the on-board 1.8V.
12) Preset a DC power supply to 5V (if you choose to use
an external source to VIO, preset the other DC power
supply to 1.8V).
13) Connect the 5V DC power supply to VOUT and 1.8V
to E_VIO (see the MAX77950 EV Kit Photo)
14) Turn on the power supply.
15) The EV kit is now ready to operate as a transmitter.
*For VIO to use on-board 1.8V from LDO (U103), connect
to a 5V source through the Micro-USB cable (J4).
PeerPower is a trademark of Maxim Integrated Products, Inc.
Table 1. Default Jumper Settings
*Default position.
JUMPER
NODE OR FUNCTION
SHUNT POSITION
FUNCTION
J1
WP_EN
1-2
The device is disabled.
2-3*
The device is enabled.
J2
P2P_EN
1-2
Connecting P2P_EN to VIO.
2-3
Not in use.
OPEN*
PeerPower is disabled.
J3
WP_DET
1-2*
Connect WP_DET to LED.
J101
VIO
1-2
An external source (1.8V) supplies VIO.
2-3*
On-board 1.8V LDO (U103) supplies VIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com