Electronic Components Datasheet Search
  English  ▼

X  

MAX77757 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77757
Description  13.7V Maximum Input Operating Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77757 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77757 Datasheet HTML 1Page - Maxim Integrated Products MAX77757 Datasheet HTML 2Page - Maxim Integrated Products MAX77757 Datasheet HTML 3Page - Maxim Integrated Products MAX77757 Datasheet HTML 4Page - Maxim Integrated Products MAX77757 Datasheet HTML 5Page - Maxim Integrated Products MAX77757 Datasheet HTML 6Page - Maxim Integrated Products MAX77757 Datasheet HTML 7Page - Maxim Integrated Products MAX77757 Datasheet HTML 8Page - Maxim Integrated Products MAX77757 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Evaluates: MAX77757
MAX77757 Evaluation Kit
General Description
The MAX77757 evaluation kit (EV kit) is a fully assembled
and tested printed circuit board (PCB) that demonstrates
the MAX77757, the standalone 3.15A USB Type-C®
autonomous charger with JEITA.
The MAX77757 can operate from 4.5V to 13.7V input,
with a fast-charge current up to 3.15A and a maximum
input current limit of 3A. The MAX77757 is offered in
several variants to support Li-ion batteries with various
termination voltages from 4.1V to 4.5V. It also has a 3.6V
termination voltage option for LiFePO4 batteries.
The EV kit features USB Type-C CC detection, bat-
tery charging compliant with the USB Battery Charging
Specification Revision 1.2 (BC1.2), proprietary adapter
detection upon input insertion, and automatic configura-
tion of the charger input current limit to the maximum
allowable current from the input source.
The MAX77757 has the reverse-boost capability, which is
enabled by the ENBST pin to allow the 5.1V/1.5A output
to CHGIN. The EV kit includes the variable resistor and
thermistor to demonstrate the JEITA compliance.
Benefits and Features
● Up to 16V Protection
● 13.7V Maximum Input Operating Voltage
● 3.15A Maximum Charging Current
● 6A Discharge Current Protection
● No Firmware or Communication Required
● Integrated USB Detection
• Integrated CC Detection for USB Type-C
• Integrated BC1.2 Detection for Legacy SDP, DCP,
and CDP
• Automatic Input Current Limit Configuration
● Input Voltage Regulation with Adaptive Input Current
Limit (AICL)
● Reverse-Boost Capability up to 5.1V, 1.5A
● Termination Voltage
• 4.1V to 4.5V for Li-ion and Li-poly Batteries
• 3.6V/3.7V for LiFePO4 Battery
● Safety
• Charge Safety Timer
• JEITA Compliance with NTC Thermistor
(MAX77757J)
• HOT/COLD Stop Charging with NTC Thermistor
(MAX77757H)
• Thermal Shutdown
● Pin Control of All Functions
• Resistor-Configurable Fast-Charge Current
• ENBST Pin to Enable and Disable Reverse Boost
• STAT Pin to Indicate Charging Status
• INOKB Pin to Indicate Input Power-OK (POK)
• THM Pin to Disable Charge
● Integrated Power Path
● Integrated Battery True-Disconnect FET
● Proven PCB Layout
● Fully Assembled and Tested
319-100689; Rev 1; 3/21
Ordering Information appears at end of data sheet.
USB Type-C and USB-C are registered trademarks of USB Implementers Forum.
Smart Power Selector is a trademark of Maxim Integrated Products, Inc.
Figure 1. MAX77757 EV Kit
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX77757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77757 MAXIM-MAX77757 Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
MAX77757HEFG360+ MAXIM-MAX77757HEFG360+ Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
MAX77757HEFG370+ MAXIM-MAX77757HEFG370+ Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
MAX77757HEFG420+ MAXIM-MAX77757HEFG420+ Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
MAX77757HEFG430+ MAXIM-MAX77757HEFG430+ Datasheet
715Kb / 35P
3.15A USB Type-C Autonomous Charger with JEITA for 1-Cell Li-ion/LiFePO4 Batteries
Rev 1; 3/21
More results

Similar Description - MAX77757

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-1364-50 JMK-KK-1364-50 Datasheet
246Kb / 1P
Operating voltage = 48 Vdc Maximum sustained input voltage = 400 Vdc
logo
Lineage Power Corporati...
FLT007A0 LINEAGEPOWER-FLT007A0 Datasheet
530Kb / 12P
75Vdc Input Voltage Maximum, 7A Output Current Maximum
logo
Linear Technology
LT119A LINER-LT119A_12 Datasheet
193Kb / 12P
Guaranteed Maximum 0.5mV Input Offset Voltage
logo
List of Unclassifed Man...
2500TL ETC2-2500TL Datasheet
302Kb / 2P
Maximum DC input voltage of 750 V
logo
Tyco Electronics
SMD185F-2 MACOM-SMD185F-2 Datasheet
105Kb / 1P
Maximum Electrical Rating Operating Voltage / Interrupt Current 33VDC / 40A
logo
Lineage Power Corporati...
FLT012A0 LINEAGEPOWER-FLT012A0 Datasheet
489Kb / 13P
75Vdc Input Voltage Maximum; 12A Output Current Maximum
logo
M.S. Kennedy Corporatio...
MSK4365 MSK-MSK4365_15 Datasheet
333Kb / 5P
50 Volt Maximum Operating Motor Supply Voltage
MSK4366 MSK-MSK4366_15 Datasheet
339Kb / 9P
38 Volt Maximum Operating Motor Supply Voltage
MSK4367 MSK-MSK4367_15 Datasheet
406Kb / 10P
38 Volt Maximum Operating Supply Voltage
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
Input Voltage Range (Maximum Rating)
April 1, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com