Electronic Components Datasheet Search
  English  ▼

X  

MAX77757 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77757
Description  13.7V Maximum Input Operating Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77757 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77757 Datasheet HTML 1Page - Maxim Integrated Products MAX77757 Datasheet HTML 2Page - Maxim Integrated Products MAX77757 Datasheet HTML 3Page - Maxim Integrated Products MAX77757 Datasheet HTML 4Page - Maxim Integrated Products MAX77757 Datasheet HTML 5Page - Maxim Integrated Products MAX77757 Datasheet HTML 6Page - Maxim Integrated Products MAX77757 Datasheet HTML 7Page - Maxim Integrated Products MAX77757 Datasheet HTML 8Page - Maxim Integrated Products MAX77757 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77757
MAX77757 Evaluation Kit
BC1.2 and CC Detection Test Setup
1) Connect the battery/battery simulator/power supply
with electronic load between BATT and GND. See
the Battery Charger Test Setup section for details.
2) Plug in the USB Type-C cable from the PC or AC
adaptor.
3) Check if the MAX77757 configures the input current
limit correctly.
Reverse Boost Test Setup
1) Connect the power supply between BATT and GND,
adjust the voltage to 3.8V with 3.5A current limit, and
turn it on.
2) Apply the Jumper 4 to enable the reverse-boost mode.
3) Monitor the voltage of CHGIN and see whether it
equals 5.1V.
LED Indicator
1) Two LED indicators are installed on the EV kit: DS1
(Green) is for the STAT pin and DS2 (Red) is for
INOKB.
2) The STAT pin is an open-drain and active-low output
that indicates charge status. See Table 2 for details.
3) INOKB is an open-drain and active-low output that
indicates the input status. If a valid input source is in-
serted and the buck converter starts switching, INOKB
pulls low. When the reverse boost is enabled, INOKB
pulls low to indicate the 5V output from CHGIN.
Table 2. STAT Output with Charging Status
Note: Indicate that you are using the MAX77757 when contacting these component suppliers.
#Denotes RoHS compliant.
CHARGING STATUS
STAT
LOGIC STATE
CHARGE STATUS LED
No Input
High Impedance
High
OFF
Trickle, Precharge,
Fast Charge
Repeat Low and High
Impedance with 1Hz,
50% duty cycle
After an external diode and a
capacitor rectifier, High
Blinking with 1Hz,
50% duty cycle
Top-Off and Done
Low
Low
Solid ON
Faults
High Impedance
High
OFF
SUPPLIER
PHONE
WEBSITE
MURATA
770-436-1300
www.murata-northamerica.com
SAMTEC
800-726-8329
www.samtec.com
TAIYO-YUDEN
603-669-7587
www.t-yuden.com
TDK
847-803-6100
www.comopnent.tdk.com
VISHAY
408-970-5852
www.vishay.com
CYNTEC
510-668-5167
www.cyntec.com
PANASONIC
800-344-2112
www.panasonic.com
PART NUMBER
IC
TYPE
THERMAL PROTECTION
TERMINATION VOLTAGE (V)
MAX77757JEVKIT435#
MAX77757JEFG435+
EV KIT
JEITA
4.35
MAX77757JEVKIT420#
MAX77757JEFG420+
EV KIT
JEITA
4.2
MAX77757HEVKIT360#
MAX77757HEFG360+
EV KIT
HOT/COLD STOP
3.6
Component Suppliers
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com