Electronic Components Datasheet Search
  English  ▼

X  

MAX49921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX49921
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX49921 Datasheet HTML 1Page - Maxim Integrated Products MAX49921 Datasheet HTML 2Page - Maxim Integrated Products MAX49921 Datasheet HTML 3Page - Maxim Integrated Products MAX49921 Datasheet HTML 4Page - Maxim Integrated Products MAX49921 Datasheet HTML 5Page - Maxim Integrated Products MAX49921 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX49921
MAX49921 Evaluation Kit
General Description
The MAX49921 evaluation kit (EV kit) provides a proven
design to evaluate the MAX49921 high precision, high
voltage, unidirectional current-sense amplifier. This EV
kit demonstrates the MAX49921 in a small, 2mm x 3mm
8-pin TDFN package.
The EV kit PCB comes with a MAX49921FATA/VY+
installed, which is the 50V/V gain version. The other gain
option available is the pin-compatible MAX49921TATA/
VY+ (G = 20V/V). Contact the factory for MAX49921TATA/
VY+ availability.
EV Kit Contents
MAX49921 EV kit board
Features
● Precision Real-Time Current Monitoring
● 0V to +70V Input Common-Mode Range
● Proven PCB Layout
● Fully Assembled and Tested
319-100591; Rev 2; 1/21
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
The following items are required for operation:
● MAX49921 EV kit
● DC PS1 (power supply 1 for the IC, 2.7V to 5.5V,
100mA)
● DC PS2 (power supply 2 for the common-mode
input, up to 70V, 3A)
● Electronic load (capable of sinking up to 3A and
up to 70V)
Note that if the electronic load is not available,
remove the R1 sense resistor, and directly apply a
sense voltage across the RS+ and RS- test points.
● Two digital multimeters (DMMs)
MAX49921 EV Kit Photo
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX49921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
logo
Analog Devices
MAX49921 AD-MAX49921 Datasheet
460Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
Rev 1 9/21
logo
Maxim Integrated Produc...
MAX49921FATA/VY+ MAXIM-MAX49921FATA/VY+ Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
logo
Analog Devices
MAX49921FATA/VY+ AD-MAX49921FATA/VY+ Datasheet
460Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
Rev 1 9/21
logo
Maxim Integrated Produc...
MAX49921FATA/VY+T MAXIM-MAX49921FATA/VY+T Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
More results

Similar Description - MAX49921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40201EVKIT MAXIM-MAX40201EVKIT Datasheet
602Kb / 6P
Precision Real-Time Current Monitoring
Rev 0; 3/17
MAX4374EVKIT MAXIM-MAX4374EVKIT Datasheet
120Kb / 5P
Precision Real-Time Current Monitoring
Rev 0; 4/09
MAX4173EVKIT MAXIM-MAX4173EVKIT Datasheet
109Kb / 4P
Real-Time Current Monitoring
Rev 0; 2/09
MAX4080EVKIT MAXIM-MAX4080EVKIT Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
MAX40056EVKIT MAXIM-MAX40056EVKIT Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40010EVKIT MAXIM-MAX40010EVKIT Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX44298EVKIT MAXIM-MAX44298EVKIT Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
MAX44285EVKIT MAXIM-MAX44285EVKIT Datasheet
443Kb / 6P
Precision Real-Time Current Monitoring
19-7021; Rev 0; 7/14
MAX44284EVKIT MAXIM-MAX44284EVKIT Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com