Electronic Components Datasheet Search
  English  ▼

X  

MAX49921 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX49921
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX49921 Datasheet HTML 1Page - Maxim Integrated Products MAX49921 Datasheet HTML 2Page - Maxim Integrated Products MAX49921 Datasheet HTML 3Page - Maxim Integrated Products MAX49921 Datasheet HTML 4Page - Maxim Integrated Products MAX49921 Datasheet HTML 5Page - Maxim Integrated Products MAX49921 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX49921
MAX49921 Evaluation Kit
MAX49921 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1
-
1
C0603C104K4RAC;GCM188R71C104KA37;
C1608X7R1C104K;GRM188R71C104KA01;
C0603X7R160-104KNE;VJ0603Y104KXJCW1BC;
0603YC104KAT4A;885012206046
KEMET;MURATA;TDK; MURATA;
VENKEL LTD;VISHAY DALE;AVX;
WURTH ELECTRONICS INC;TDK
0.1UF
CAP; SMT (0603); 0.1UF; 10%; 16V; X7R; CERAMIC;
2
C2
-
1 GRM21BR71C475KA73;0805YC475KAT2A;
GCM21BR71C475KA73;CGA4J3X7R1C475K125AE
MURATA;AVX;MURATA;TDK
4.7UF
CAP; SMT (0805); 4.7UF; 10%; 16V; X7R; CERAMIC
3
GND, TP2-TP4
-
4
5011 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; BLACK; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH;
4
MTH1-MTH4
-
4
9032 KEYSTONE
9032 MACHINE FABRICATED; ROUND-THRU HOLE SPACER;
NO THREAD; M3.5; 5/8IN; NYLON
5
R1
-
1 LVK12R050DE
OHMITE MFG CO.
0.05 RESISTOR; 1206; 0.05 OHM; 0.5%; 50PPM; 0.5W;
METAL FILM
6
RS+, RS-
-
2
5000 KEYSTONE
N/A
TEST POINT; PIN DIA=0.1IN; TOTAL LENGTH=0.3IN;
BOARD HOLE=0.04IN; RED; PHOSPHOR BRONZE
WIRE SILVER PLATE FINISH;
7
U1
-
1 MAX49921FATA/VY+
MAXIM
MAX49921FATA/VY+
EVKIT PART - IC; OZ93; MAX49921FATA/VY+; BI- AND
UNIDIRECTIONAL; -0.1V TO 70V CURRENT-SENSE AMPLIFIERS;
PACKAGE OUTLINE: 21-100417;
PACKAGE LAND PATTERN DRAWING: 90-0091; TDFN8
8
VDD, VOUT,
VSENSE+, VSENSE-
-
4
5010 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; RED; PHOSPHOR BRONZE WIRE SIL;
9
PCB
-
1 MAX49921
MAXIM
PCB
PCB:MAX49921
10 C3, C4, C7
DNP
0 C1206C102K1RAC
KEMET
1000PF
CAP; SMT (1206); 1000PF; 10%; 100V; X7R; CERAMIC
11 C9
DNP
0 C0603C181K5GAC
KEMET
180PF
CAP; SMT (0603); 180PF; 10%; 50V; C0G; CERAMIC
12 R3, R4, R7
DNP
0 CRCW06030000ZS;MCR03EZPJ000;
ERJ-3GEY0R00;CR0603AJ/-000ELF
VISHAY;ROHM SEMICONDUCTOR;
PANASONIC;BOURNS
0 RES; SMT (0603); 0; JUMPER; JUMPER; 0.1000W
TOTAL
19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com