Electronic Components Datasheet Search
  English  ▼

X  

MAX40203 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX40203
Description  Drops Only 100mV at 500mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40203 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX40203 Datasheet HTML 1Page - Maxim Integrated Products MAX40203 Datasheet HTML 2Page - Maxim Integrated Products MAX40203 Datasheet HTML 3Page - Maxim Integrated Products MAX40203 Datasheet HTML 4Page - Maxim Integrated Products MAX40203 Datasheet HTML 5Page - Maxim Integrated Products MAX40203 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX40203
MAX40203 Evaluation Kit
General Description
The MAX40203 evaluation kit (EV kit) provides a proven
design to evaluate the MAX40203 “ideal-diode”. This EV
kit demonstrates the MAX40203 in a space-saving 5-pin
SOT23 (MAX40203AUK+). This EV kit can be used to
evaluate the MAX40203AUK+ as well.
The MAX40203 EV kit PCB comes with two
MAX40203AUK+ devices installed. The MAX40203
device is a current-switch, which drops so little voltage as
to approximate an “ideal diode”.
The MAX40203 is also available in a tiny 0.8mm x 0.8mm
4-bump WLP with a 0.35mm bump pitch and has lower
voltage drop. These devices operate over the automotive
-40°C to +125° C temperature range.
319-100217; Rev 0; 7/18
Ordering Information appears at end of data sheet.
Features
● Drops Only 100mV at 500mA
● Less than 10nA Leakage When Reverse-Biased
From VDD
● Supply Voltage Range: Between 1.2V and 5.5V
● Low Supply Quiescent Current: 300nA (typ),
500nA (max)
● Thermally Self-Protecting
● -40°C to +125°C Temperature Range
● Evaluates MAX40203AUK+
● Accommodates Easy-to-Use Components
● Proven PCB Layout
● Fully Assembled and Tested
MAX40203 EV Kit Photo


Similar Part No. - MAX40203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40203 MAXIM-MAX40203 Datasheet
1Mb / 19P
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
MAX40203ANS+T MAXIM-MAX40203ANS+T Datasheet
1Mb / 19P
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
MAX40203AUK+T MAXIM-MAX40203AUK+T Datasheet
1Mb / 19P
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
More results

Similar Description - MAX40203

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08130 ICE-IN08130 Datasheet
58Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08131 ICE-IN08131 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08132 ICE-IN08132 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08146 ICE-IN08146 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN09003 ICE-IN09003 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%
IN08078 ICE-IN08078 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN09011 ICE-IN09011 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08075 ICE-IN08075 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
logo
Maxim Integrated Produc...
MAX40200EVKIT MAXIM-MAX40200EVKIT Datasheet
617Kb / 6P
Drops Less Than 45mV at 500mA
Rev 0; 11/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com