Electronic Components Datasheet Search
  English  ▼

X  

MAX40203 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX40203
Description  Drops Only 100mV at 500mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40203 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX40203 Datasheet HTML 1Page - Maxim Integrated Products MAX40203 Datasheet HTML 2Page - Maxim Integrated Products MAX40203 Datasheet HTML 3Page - Maxim Integrated Products MAX40203 Datasheet HTML 4Page - Maxim Integrated Products MAX40203 Datasheet HTML 5Page - Maxim Integrated Products MAX40203 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX40203
MAX40203 Evaluation Kit
Detailed Description of Hardware
The MAX40203 EV kit provides a proven design to evaluate
the MAX40203 5-pin SOT23, space-saving, “ideal-diode.”
The device blocks reverse voltages and passes current
when forward-biased, just as a normal diode would. The
device, when forward-biased and enabled, conducts with
as little as 100mV of voltage drop while carrying currents
as high as 500mA. At higher currents (up to 1A), the
voltage drop increases linearly. The MAX40203 protects
itself, and any down-stream circuitry, from overtemperature
conditions.
When disabled (EN = low), the MAX40203 can block
voltages up to 6V in either direction, making it suitable
for most low-voltage portable electronic devices. The low
(300nA, typ.) supply current is independent of the load
current. The MAX40203 operates from supplies within the
range of 1.2V and 5.5V.
Theory of Operation
The two “ideal-diode” devices may be used independently
or together. The PCB circuit mimics a typical wall adaptor/
battery-charging circuit having different VDD1 and VDD2.
They are connected to the common output, where the
load is connected.
When used independently or together, enable inputs EN1
and EN2 turn the device on or off. The device that is
turned on conducts current to the load. The device that
is turned off does not conduct current to the load from its
VDD input.
#Denotes RoHS compliant.
MAX40203 EV Kit Bill of Materials
ITEM
REF_DES
DNI/
DNP QTY MFG PART #
MFG
VALUE
DESCRIPTION
1
C1, C2, C6
-
3
C1206C105K3RAC;ECJ-
3YB1E105K
KEMET;PANA
SONIC
1UF
CAPACITOR; SMT (1206); CERAMIC CHIP; 1UF; 25V; TOL=10%; MODEL=X7R; TG=-
55 DEGC TO +125 DEGC; TC=+/-
2
C3, C4
-
2 C1608X7R1E104K080AA
TDK
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF; 25V; TOL=10%; MODEL=C
SERIES; TG=-55 DEGC TO +125 DEGC; TC=X7R
3
C5
-
1 C2012X7T2E104K125
TDK
0.1UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 0.1UF; 250V; TOL=10%; MODEL=C
SERIES; TG=-55 DEGC TO +125 DEGC; TC=X7T
4
EN1, EN2, OUT, OUT1, OUT2,
TP5, TP6, VDD1, VDD2
-
9
5005 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN; BOARD HOLE=0.063IN;
RED; PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
5
GND, TP1-TP4, TP9, TP10
-
7
5006 KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN; BOARD HOLE=0.063IN;
BLACK; PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
6
J1, J2
-
2 PBC03SAAN
SULLINS
PBC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 3PINS; -65 DEGC
TO +125 DEGC
7
J3, J4
-
2 PBC02SAAN
SULLINS
ELECTRONIC
S CORP.
PBC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 2PINS
8
U1, U2
-
2 MAX40203AUK+
MAXIM
MAX40203AUK
+
EVKIT PART - IC; ULTRA-TINY NANOPOWER; 1A IDEAL DIODE WITH ULTRA-LOW
VOLTAGE DROP; PACKAGE OUTLINE DRAWING NUMBER: 21-0057; PACKAGE
LAND PATTERN: 90-0174; PACKAGE CODE: U5+2; SOT23-5
9
PCB
-
1 MAX40203
MAXIM
PCB
PCB:MAX40203
TOTAL
29
NOTE: DNI--> DO NOT INSTALL(PACKOUT) ; DNP--> DO NOT PROCURE
PART
TYPE
MAX40203EVKIT#
EV Kit
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com